Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC-ALH509 Datasheet (PDF) - Analog Devices

HMC-ALH509 Datasheet PDF - Analog Devices
Part # HMC-ALH509
Download  HMC-ALH509 Download
File Size   295.46 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description E-Band Communication Systems

HMC-ALH509 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-ALH509 Datasheet PDF - Analog Devices

Part # HMC-ALH509
Download  HMC-ALH509 Click to download

File Size   295.46 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description E-Band Communication Systems

HMC-ALH509 Datasheet (HTML) - Analog Devices


HMC-ALH509 Product details

General Description
The HmC-AlH509 is a three stage GaAs HemT mmiC low Noise Amplifier (lNA) which operates between 71 and 86 GHz. The HmC-AlH509 features 14 dB of small signal gain, 5 dB of noise figure and an output power of +7 dBm at 1dB compression from a +2V supply voltage. All bond pads and the die backside are Ti/Au metallized. This versatile lNA is compatible with conventional die attach methods, as well as thermocompression and thermosonic wire bonding, making it ideal for mCm and hybrid microcircuit applications. All data shown herein is measured with the chip in a 50 Ohm environment and contacted with rf probes.

Features
   Noise figure: 5 dB
   p1dB: +7 dBm
   Gain: 14 dB
   supply Voltage: +2V
   50 Ohm matched input/Output
   Die size: 3.20 x 1.60 x 0.1 mm

Typical Applications
This HmC-AlH509 is ideal for:
• short Haul / High Capacity links
• Automotive radar
• e-Band Communication systems
• Test & measurement




Similar Part No. - HMC-ALH509

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH509 HITTITE-HMC-ALH509 Datasheet
192Kb / 6P
GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
HMC-ALH509 HITTITE-HMC-ALH509 Datasheet
192Kb / 6P
GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
HMC-ALH509 HITTITE-HMC-ALH509_09 Datasheet
192Kb / 6P
GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
More results


Similar Description - HMC-ALH509

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA3240C-LF ZCOMM-PSA3240C-LF Datasheet
87Kb / 2P
Satellite Communication Systems
PSA3295C-LF ZCOMM-PSA3295C-LF Datasheet
87Kb / 2P
Satellite Communication Systems
logo
Micross Components
HMC247 MICROSS-HMC247 Datasheet
1Mb / 15P
E-Band Communications Systems
HMC362 MICROSS-HMC362 Datasheet
846Kb / 9P
Satellite Communication Systems
HMC555 MICROSS-HMC555 Datasheet
891Kb / 9P
Satellite Communication Systems
logo
Analog Devices
HMC361S8G AD-HMC361S8G Datasheet
385Kb / 6P
Satellite communication systems
HMC365 AD-HMC365 Datasheet
301Kb / 6P
Satellite Communication Systems
HMC1081 AD-HMC1081 Datasheet
460Kb / 8P
E-Band Communications Systems
HMC-MDB277 AD-HMC-MDB277 Datasheet
209Kb / 4P
FCC E-Band Communication Systems
HMC1057 AD-HMC1057 Datasheet
1Mb / 12P
E-Band Communications Systems
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com