Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PALC22V10D Datasheet (PDF) - Cypress Semiconductor

PALC22V10D Datasheet PDF - Cypress Semiconductor
Part # PALC22V10D
Download  PALC22V10D Download
File Size   684.57 Kbytes
Page   11 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description FLASG ERASABLE REPROGRAMMABLE CMOS PAL DEVICE

PALC22V10D Datasheet (PDF)

Go To PDF Page Download Datasheet
PALC22V10D Datasheet PDF - Cypress Semiconductor

Part # PALC22V10D
Download  PALC22V10D Click to download

File Size   684.57 Kbytes
Page   11 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description FLASG ERASABLE REPROGRAMMABLE CMOS PAL DEVICE

PALC22V10D Datasheet (HTML) - Cypress Semiconductor


PALC22V10D Product details

Functional Description

The Cypress PALC22V10D is a CMOS Flash Erasable second-generation programmable array logic device. It is implemented with the familiar sum-of-products (AND-OR) logic structure and the programmable macrocell.



Features

• Advanced second-generation PAL architecture

• Low power

— 90 mA max. commercial (10 ns)

— 130 mA max. commercial (7.5 ns)

• CMOS Flash EPROM technology for electrical erasability and reprogrammability

• Variable product terms

— 2 x(8 through 16) product terms

• User-programmable macrocell

— Output polarity control

— Individually selectable for registered or combinatorial operation

• Up to 22 input terms and 10 outputs

• DIP, LCC, and PLCC available

— 7.5 ns commercial version

5 ns tCO

5 ns tS

7.5 ns tPD

133-MHz state machine

— 10 ns military and industrial versions

6 ns tCO

6 ns tS

10 ns tPD

110-MHz state machine

— 15-ns commercial and military

versions

— 25-ns commercial and military

versions

• High reliability

— Proven Flash EPROM technology




Similar Part No. - PALC22V10D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALC22V10D CYPRESS-PALC22V10D Datasheet
350Kb / 13P
Flash-erasable Reprogrammable CMOS PAL Device
PALC22V10D CYPRESS-PALC22V10D Datasheet
328Kb / 12P
Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALC22V10D-10DMB CYPRESS-PALC22V10D-10DMB Datasheet
328Kb / 12P
Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALC22V10D-10JC CYPRESS-PALC22V10D-10JC Datasheet
350Kb / 13P
Flash-erasable Reprogrammable CMOS PAL Device
PALC22V10D-10JC CYPRESS-PALC22V10D-10JC Datasheet
328Kb / 12P
Flash Erasable, Reprogrammable CMOS PAL짰 Device
More results


Similar Description - PALC22V10D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALC22V10 CYPRESS-PALC22V10 Datasheet
58Kb / 3P
Reprogrammable CMOS PAL Device
PALCE20V8 CYPRESS-PALCE20V8 Datasheet
352Kb / 14P
Flash Erasable, Reprogrammable CMOS PAL Device
PAL20V8 CYPRESS-PAL20V8 Datasheet
287Kb / 13P
Flash Erasable, Reprogrammable CMOS PAL Device
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
Reprogrammable CMOS PAL Device
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
350Kb / 13P
Flash-erasable Reprogrammable CMOS PAL Device
PALCE16V8 CYPRESS-PALCE16V8 Datasheet
300Kb / 13P
Flash-Erasable Reprogrammable CMOS PAL Device
PALC22V10D CYPRESS-PALC22V10D_07 Datasheet
328Kb / 12P
Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE20V8 CYPRESS-PALCE20V8_04 Datasheet
316Kb / 14P
Flash-Erasable Reprogrammable CMOS PAL짰 Device
PALCE22V10 CYPRESS-PALCE22V10_96 Datasheet
387Kb / 13P
Flash Erasable, Reprogrammable CMOS PAL짰 Device
5962-8867004LA CYPRESS-5962-8867004LA Datasheet
337Kb / 12P
Flash Erasable, Reprogrammable CMOS PAL Device
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com