Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2-5000 Datasheet (PDF) - ETAL Group

2-5000 Datasheet PDF - ETAL Group
Part # 2-5000
Download  2-5000 Download
File Size   282.61 Kbytes
Page   4 Pages
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group
Description Voltage rating AC 250 V; DC 28 V

2-5000 Datasheet (PDF)

Go To PDF Page Download Datasheet
2-5000 Datasheet PDF - ETAL Group

Part # 2-5000
Download  2-5000 Click to download

File Size   282.61 Kbytes
Page   4 Pages
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group
Description Voltage rating AC 250 V; DC 28 V

2-5000 Datasheet (HTML) - ETAL Group




Similar Part No. - 2-5000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2-500L ETC2-2-500L Datasheet
48Kb / 2P
CHEMTRONICS Technical Data Sheet Chem-Wik Rosin
logo
Chemtronics. All rights...
2-500L CHEMTRONICS-2-500L Datasheet
36Kb / 2P
Chem-Wik® Rosin
REV. D 08/13
More results


Similar Description - 2-5000

ManufacturerPart #DatasheetDescription
logo
ETAL Group
E-1072-220 ETAL-E-1072-220 Datasheet
206Kb / 4P
Voltage rating DC 24 V (19.2...36 V)
logo
Mallory Sonalert Produc...
SC250DPR MSPI-SC250DPR Datasheet
52Kb / 1P
Voltage Rating 60 to 250 VAC/DC
SC250ER MSPI-SC250ER Datasheet
52Kb / 1P
Voltage Rating 60 to 250 VAC/DC
SC250FJR MSPI-SC250FJR Datasheet
52Kb / 1P
Voltage Rating 60 to 250 VAC/DC
SC250FKR MSPI-SC250FKR Datasheet
89Kb / 1P
Voltage Rating 60 to 250 VAC/DC
SC250FPR MSPI-SC250FPR Datasheet
52Kb / 1P
Voltage Rating 60 to 250 VAC/DC
SC250HJR MSPI-SC250HJR Datasheet
52Kb / 1P
Voltage Rating 60 to 250 VAC/DC
JR28-RG-4MDP315 MSPI-JR28-RG-4MDP315 Datasheet
171Kb / 1P
Voltage Rating 20 to 28 VAC/DC
SC628MA MSPI-SC628MA Datasheet
34Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SCH250R MSPI-SCH250R Datasheet
56Kb / 1P
Voltage Rating 60 to 250 VAC/DC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com