Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6523 Datasheet (PDF) - Princeton Technology Corp

PT6523 Datasheet PDF - Princeton Technology Corp
Part # PT6523
Download  PT6523 Download
File Size   39.0 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 1/3 Duty General Purpose LCD Driver IC

PT6523 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT6523 Datasheet PDF - Princeton Technology Corp

Part # PT6523
Download  PT6523 Click to download

File Size   39.0 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 1/3 Duty General Purpose LCD Driver IC

PT6523 Datasheet (HTML) - Princeton Technology Corp


PT6523 Product details

DESCRIPTION

PT6523 is an LCD Driver IC which can drive up to156 segments. It can be used for frequency display in microprocessor-controlled radio receiver and inother display applications. PT6523 supports both 1/2 bias, 1/3 duty and 1/3 duty, 1/3 bias. Pin assignments and application circuit are optimized for easy PCB layout and cost saving advantages.



FEATURES

• Up to 156 Segments Outputs

• 1/3 Duty - 1/2 Bias and 1/3 Duty - 1/3 Bias Drive Techniques

• Power Saving Mode and all Segments OFF Function

• Direct Display of Display Data without using a Decoder

• RC Oscillation Circuit

• Power Supply Voltage: 4.5 to 6V

• LCD Drive Bias Voltage can be provided internally or externally

• Available in 64 pins LQFP



APPLICATIONS

• Electronic Dictionary / Translator

• P.O.S.

• Caller ID

• Pager

• Mini Compo

• Electronic Equipment with LCD Display




Similar Part No. - PT6523

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6523 TI-PT6523 Datasheet
193Kb / 8P
8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
logo
Princeton Technology Co...
PT6523 PTC-PT6523 Datasheet
743Kb / 23P
1/3 Duty General Purpose LCD Driver IC
PT6523-HQ PTC-PT6523-HQ Datasheet
743Kb / 23P
1/3 Duty General Purpose LCD Driver IC
PT6523-LQ PTC-PT6523-LQ Datasheet
743Kb / 23P
1/3 Duty General Purpose LCD Driver IC
logo
Texas Instruments
PT6523B TI-PT6523B Datasheet
222Kb / 12P
8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
More results


Similar Description - PT6523

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75873NE SANYO-LC75873NE Datasheet
279Kb / 15P
1/3 Duty General-Purpose LCD Display Driver????
logo
Silan Microelectronics ...
SC75823 SILAN-SC75823 Datasheet
547Kb / 16P
1/3 DUTY GENERAL-PURPOSE LCD DRIVER
logo
Sanyo Semicon Device
LC75835W SANYO-LC75835W Datasheet
304Kb / 35P
CMOS IC 1/3, 1/4-Duty General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT6525 PTC-PT6525 Datasheet
126Kb / 4P
1/3 Duty General Purpose LCD Driver IC
PT6523 PTC-PT6523_10 Datasheet
743Kb / 23P
1/3 Duty General Purpose LCD Driver IC
PT6525 PTC-PT6525_10 Datasheet
126Kb / 4P
1/3 Duty General Purpose LCD Driver IC
logo
Sanyo Semicon Device
LC75813E SANYO-LC75813E Datasheet
295Kb / 26P
1/3, 1/4 Duty General-Purpose LCD Driver
LC75813T-E SANYO-LC75813T-E Datasheet
295Kb / 26P
1/3, 1/4 Duty General-Purpose LCD Driver
logo
ON Semiconductor
LC75833E ONSEMI-LC75833E Datasheet
507Kb / 23P
1/3 Duty General-Purpose LCD Driver
December 2013 - Rev. 0
logo
Princeton Technology Co...
PT16527 PTC-PT16527 Datasheet
733Kb / 5P
1/3, 1/4 Duty General Purpose LCD Driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com