Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2214SS Datasheet (PDF) - International Rectifier

IR2214SS Datasheet PDF - International Rectifier
Part # IR2214SS
Download  IR2214SS Download
File Size   308.09 Kbytes
Page   28 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HALF-BRIDGE GATE DRIVER IC

IR2214SS Datasheet (PDF)

Go To PDF Page Download Datasheet
IR2214SS Datasheet PDF - International Rectifier

Part # IR2214SS
Download  IR2214SS Click to download

File Size   308.09 Kbytes
Page   28 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HALF-BRIDGE GATE DRIVER IC

IR2214SS Datasheet (HTML) - International Rectifier


IR2214SS Product details

Description

The IR2214SS/IR22141SS) is a gate driver suited to drive a single half bridge in power switching applications. The high gate driving capability (2A source, 3A sink) and the low quiescent current enable bootstrap supply techniques in medium power systems. The IR2214SS/IR22141SS driver features full short circuit protection by means of the power transistor desaturation detection.



Features

• Floating channel up to +1200V

• Soft overcurrent shutdown

• Synchronization signal to synchronize shut down with the other phases

• Integrated desaturation detection circuit

• Two stage turn on output for di/dt control

• Separate pull-up/pull-down output drive pins

• Matched delay outputs

• Under voltage lockout with hysteresis band



 




Similar Part No. - IR2214SS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2214SSPBF IRF-IR2214SSPBF Datasheet
666Kb / 33P
HALF-BRIDGE GATE DRIVER IC
logo
Infineon Technologies A...
IR2214SSPBF INFINEON-IR2214SSPBF Datasheet
887Kb / 33P
HALF-BRIDGE GATE DRIVER IC
06-Jan-2020
logo
International Rectifier
IR2214SSTRPBF IRF-IR2214SSTRPBF Datasheet
715Kb / 33P
HALF-BRIDGE GATE DRIVER IC
More results


Similar Description - IR2214SS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2114SS IRF-IR2114SS Datasheet
1Mb / 21P
HALF-BRIDGE GATE DRIVER IC
logo
Intersil Corporation
HIP5500 INTERSIL-HIP5500 Datasheet
922Kb / 12P
High Voltage IC Half Bridge Gate Driver
July 1998
logo
International Rectifier
IR2114SSPBF IRF-IR2114SSPBF Datasheet
666Kb / 33P
HALF-BRIDGE GATE DRIVER IC
IR21141SSPBF IRF-IR21141SSPBF_09 Datasheet
721Kb / 34P
HALF-BRIDGE GATE DRIVER IC
IR21141SS IRF-IR21141SS Datasheet
721Kb / 34P
HALF-BRIDGE GATE DRIVER IC
IR2214SSTRPBF IRF-IR2214SSTRPBF Datasheet
715Kb / 33P
HALF-BRIDGE GATE DRIVER IC
IR2114SSPBF IRF-IR2114SSPBF_15 Datasheet
715Kb / 33P
HALF-BRIDGE GATE DRIVER IC
logo
ON Semiconductor
FAN73912 ONSEMI-FAN73912 Datasheet
3Mb / 22P
High-Current, Half-Bridge, Gate-Driver IC
December 2016- Rev. 1
logo
Infineon Technologies A...
IR2114SSPBF INFINEON-IR2114SSPBF Datasheet
887Kb / 33P
HALF-BRIDGE GATE DRIVER IC
06-Jan-2020
logo
Alpha & Omega Semicondu...
AGD8252B1 AOSMD-AGD8252B1 Datasheet
516Kb / 9P
High Voltage Half-Bridge Gate Driver IC
Rev. 1.1 October 2018
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com