Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF6603 Datasheet (PDF) - International Rectifier

IRF6603 Datasheet PDF - International Rectifier
Part # IRF6603
Download  IRF6603 Download
File Size   201.71 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFETPower MOSFET

IRF6603 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF6603 Datasheet PDF - International Rectifier

Part # IRF6603
Download  IRF6603 Click to download

File Size   201.71 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFETPower MOSFET

IRF6603 Datasheet (HTML) - International Rectifier


IRF6603 Product details

Description
The IRF6603 combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to achieve the lowest on-state resistance in a package that has the footprint of an SO-8 and only 0.7 mm profile. The DirectFET package is compatible with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection soldering techniques, when application note AN-1035 is followed regarding the manufacturing methods and process. The DirectFET package allows dual sided cooling to maximize thermal transfer in power systems, IMPROVING previous best thermal resistance by 80%.

• Application Specific MOSFETs
• Ideal for CPU Core DC-DC Converters
• Low Conduction Losses
• High Cdv/dt Immunity
• Low Profile (<0.7 mm)
• Dual Sided Cooling Compatible
• Compatible with existing Surface Mount Techniques




Similar Part No. - IRF6603

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6601 IRF-IRF6601 Datasheet
130Kb / 8P
DirectFET??Power MOSFET(Vdss=20V)
IRF6602 IRF-IRF6602 Datasheet
200Kb / 11P
HEXFET Power MOSFET
IRF6602 IRF-IRF6602 Datasheet
133Kb / 9P
DirectFET Power MOSFET
04/24/02
IRF6602TR1 IRF-IRF6602TR1 Datasheet
200Kb / 11P
HEXFET Power MOSFET
IRF6602 IRF-IRF6602_V01 Datasheet
133Kb / 9P
DirectFET Power MOSFET
04/24/02
More results


Similar Description - IRF6603

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL7833 IRF-IRL7833 Datasheet
268Kb / 12P
HEXFETPower MOSFET
IRF3717 IRF-IRF3717 Datasheet
248Kb / 10P
HEXFETPower MOSFET
IRF6620 IRF-IRF6620 Datasheet
180Kb / 8P
HEXFETPower MOSFET
IRF7855PBF IRF-IRF7855PBF Datasheet
232Kb / 8P
HEXFETPower MOSFET
IRLM6402GPBF IRF-IRLM6402GPBF Datasheet
184Kb / 8P
HEXFETPower MOSFET
IRFSL4127PBF IRF-IRFSL4127PBF Datasheet
361Kb / 10P
HEXFETPower MOSFET
IRFH3707PBF IRF-IRFH3707PBF_10 Datasheet
311Kb / 10P
HEXFETPower MOSFET
IRFB4410ZGPBF IRF-IRFB4410ZGPBF Datasheet
300Kb / 8P
HEXFETPower MOSFET
IRFB3006PBF IRF-IRFB3006PBF Datasheet
302Kb / 8P
HEXFETPower MOSFET
IRLML2244TRPBF IRF-IRLML2244TRPBF Datasheet
240Kb / 10P
HEXFETpower MOSFET
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com