Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGP50B60PD1 Datasheet (PDF) - International Rectifier

IRGP50B60PD1 Datasheet PDF - International Rectifier
Part # IRGP50B60PD1
Download  IRGP50B60PD1 Download
File Size   468.1 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE

IRGP50B60PD1 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRGP50B60PD1 Datasheet PDF - International Rectifier

Part # IRGP50B60PD1
Download  IRGP50B60PD1 Click to download

File Size   468.1 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE

IRGP50B60PD1 Datasheet (HTML) - International Rectifier


IRGP50B60PD1 Product details

VCES = 600V

VCE(on) typ. = 2.00V

@ VGE = 15V IC = 33A



Features

• NPT Technology, Positive Temperature Coefficient

• Lower VCE(SAT)

• Lower Parasitic Capacitances

• Minimal Tail Current

• HEXFRED Ultra Fast Soft-Recovery Co-Pack Diode

• Tighter Distribution of Parameters

• Higher Reliability



Benefits

• Parallel Operation for Higher Current Applications

• Lower Conduction Losses and Switching Losses

• Higher Switching Frequency up to 150kHz



Applications

• Telecom and Server SMPS

• PFC and ZVS SMPS Circuits

• Uninterruptable Power Supplies

• Consumer Electronics Power Supplies




Similar Part No. - IRGP50B60PD1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP50B60PD1 IRF-IRGP50B60PD1 Datasheet
476Kb / 11P
WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
logo
Inchange Semiconductor ...
IRGP50B60PD1 ISC-IRGP50B60PD1 Datasheet
343Kb / 2P
IGBT
logo
International Rectifier
IRGP50B60PD1-EP IRF-IRGP50B60PD1-EP Datasheet
427Kb / 10P
WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP50B60PD1-EP IRF-IRGP50B60PD1-EP Datasheet
427Kb / 10P
WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP50B60PD1-EP IRF-IRGP50B60PD1-EP_15 Datasheet
427Kb / 10P
WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Similar Description - IRGP50B60PD1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP20B60PD IRF-IRGP20B60PD Datasheet
739Kb / 10P
WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP50B60PD1PBF IRF-IRGP50B60PD1PBF Datasheet
395Kb / 10P
WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP50B60PD1 IRF-IRGP50B60PD1_06 Datasheet
476Kb / 11P
WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP35B60PD-EP IRF-IRGP35B60PD-EP Datasheet
413Kb / 10P
WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP50B60PD1-EP IRF-IRGP50B60PD1-EP Datasheet
427Kb / 10P
WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
AUIRGP35B60PD IRF-AUIRGP35B60PD Datasheet
299Kb / 13P
WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP35B60PD-EP IRF-IRGP35B60PD-EP_15 Datasheet
413Kb / 10P
WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
logo
Infineon Technologies A...
AUIRGP35B60PD INFINEON-AUIRGP35B60PD Datasheet
516Kb / 11P
WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
2017-08-24
AUIRGP35B60PD-E INFINEON-AUIRGP35B60PD-E Datasheet
514Kb / 11P
WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
2017-08-24
AUIRGP50B60PD1 INFINEON-AUIRGP50B60PD1 Datasheet
571Kb / 12P
WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
2017-08-29
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com