Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M902-01 Datasheet (PDF) - Integrated Circuit Systems

M902-01 Datasheet PDF - Integrated Circuit Systems
Part # M902-01
Download  M902-01 Download
File Size   328.74 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description VCSO BASED GBE CLOCK GENERATOR

M902-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
M902-01 Datasheet PDF - Integrated Circuit Systems

Part # M902-01
Download  M902-01 Click to download

File Size   328.74 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description VCSO BASED GBE CLOCK GENERATOR

M902-01 Datasheet (HTML) - Integrated Circuit Systems


M902-01 Product details

GENERAL DESCRIPTION
The M902-01 is a PLL (Phase Locked Loop) based clock generator that uses an internal VCSO (Voltage Controlled SAW Oscillator) to produce a very low jitter output clock. It is ideal for Gigabit Ethernet. The output clock (frequency of 156.25 or 187.50MHz for example) is provided from two LVPECL clock output pairs. (Specify frequency at time of order.) The accuracy of the output frequency is assured by the internal PLL, which phase-locks the internal VCSO to the reference input frequency (25 or 30MHz for example). The input reference can either be an external crystal, utilizing the internal crystal oscillator, or a stable external clock source such as a packaged crystal oscillator.

FEATURES
◆ Output clock frequency from 125MHz to 190MHz (Consult factory for frequency availability)
◆ Two identical LVPECL output pairs
◆ Integrated SAW (surface acoustic wave) delay line
◆ Low jitter 0.5ps rms (over 12kHz-20MHz)
◆ Ideal for Gigabit Ethernet clock reference
◆ Output-to-output skew < 100ps
◆ External XTAL or LVCMOS reference input
◆ Selectable external feed-through clock input
◆ STOP clock control (Logic 1 stops output clocks)
◆ Industrial temperature grade available
◆ Single 3.3V power supply
◆ Small 9 x 9 mm SMT (surface mount) package




Similar Part No. - M902-01

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
M902-2041 TEC-M902-2041 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
M902-2042 TEC-M902-2042 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
M902-2053 TEC-M902-2053 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
M902-2054 TEC-M902-2054 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
M902-2131 TEC-M902-2131 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
More results


Similar Description - M902-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M2006-02 ICST-M2006-02 Datasheet
83Kb / 1P
VCSO BASED FEC CLOCK PLL / HITLESS SWITCHING OPTION
Rev 2.2
M1040 ICST-M1040 Datasheet
436Kb / 12P
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Rev 0.1
M2006-12A ICST-M2006-12A Datasheet
419Kb / 10P
VCSO BASED FEC CLOCK PLL WITH HITLESS SWITCHING
Rev 1.0
M2020-2021 ICST-M2020-2021 Datasheet
431Kb / 10P
VCSO BASED CLOCK PLL
Rev 1.0
M1010-01 ICST-M1010-01 Datasheet
360Kb / 8P
VCSO BASED CLOCK JITTER ATTENUATOR
Rev 0.4
M1033 ICST-M1033 Datasheet
198Kb / 14P
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Rev 1.0
M906-01 ICST-M906-01 Datasheet
352Kb / 8P
VCSO BASED GBE CLOCK GENERATOR
Rev 3.2
M1025 ICST-M1025 Datasheet
340Kb / 14P
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Rev 1.0
M2006-02A ICST-M2006-02A Datasheet
391Kb / 8P
VCSO BASED FEC CLOCK PLL
Rev 1.0
logo
Texas Instruments
CDC5806 TI1-CDC5806_15 Datasheet
340Kb / 13P
THREE PLLs BASED CLOCK GENERATOR
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com