Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-0011 Datasheet (PDF) - All Sensors Corporation

DS-0011 Datasheet PDF - All Sensors Corporation
Part # DS-0011
Download  DS-0011 Download
File Size   196.0 Kbytes
Page   4 Pages
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation
Description Enhanced Digital Output Sensors: Extended temperature range

DS-0011 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS-0011 Datasheet PDF - All Sensors Corporation

Part # DS-0011
Download  DS-0011 Click to download

File Size   196.0 Kbytes
Page   4 Pages
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation
Description Enhanced Digital Output Sensors: Extended temperature range

DS-0011 Datasheet (HTML) - All Sensors Corporation


DS-0011 Product details

• All Combined Errors Over Temperature Less Than 0.1%, Typical
• Wide -40 to 125°C Compensated Temperature Range
• Electrically Compatible to All Sensors GA142 Series
• Enhanced Dual Serial Interface Mode




Similar Part No. - DS-0011

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DS-001 ADAM-TECH-DS-001 Datasheet
154Kb / 1P
DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
logo
All Sensors Corporation
DS-0010 ASC-DS-0010 Datasheet
199Kb / 5P
Enhanced Digital Output Sensors: Industrial temperature range
DS-0010 Rev A
DS-0012 ASC-DS-0012 Datasheet
71Kb / 5P
Enhanced Digital Output Sensors
More results


Similar Description - DS-0011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USTIEXT ETC2-USTIEXT Datasheet
182Kb / 3P
Universal Sensors and Transducer Interface with Extended Temperature Range
logo
Bothhand USA, LP.
S5771-LF BOTHHAND-S5771-LF Datasheet
561Kb / 1P
Extended and standard temperature range models.
logo
All Sensors Corporation
DS-0010 ASC-DS-0010 Datasheet
199Kb / 5P
Enhanced Digital Output Sensors: Industrial temperature range
DS-0010 Rev A
DS-0012 ASC-DS-0012 Datasheet
71Kb / 5P
Enhanced Digital Output Sensors
logo
Vicor Corporation
110V VICOR-110V Datasheet
611Kb / 14P
Extended temperature range
logo
TAITIEN ELECTRONICS CO....
XO-0109-OX-OY TAITIEN-XO-0109-OX-OY Datasheet
763Kb / 1P
Extended Operating Temperature Range Crystal Oscillator
logo
Tadiran Batteries GmbH
SL-550 TADIRN-SL-550 Datasheet
290Kb / 1P
Extended temperature range
SL-560 TADIRN-SL-560 Datasheet
299Kb / 1P
Extended temperature range
SL-561 TADIRN-SL-561 Datasheet
296Kb / 1P
Extended temperature range
TLH-2450 TADIRN-TLH-2450 Datasheet
359Kb / 1P
Extended temperature range
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com