Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1209 Datasheet (PDF) - Maxim Integrated Products

MAX1209 Datasheet PDF - Maxim Integrated Products
Part # MAX1209
Download  MAX1209 Download
File Size   609.58 Kbytes
Page   29 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 40Msps, 12-Bit ADC

MAX1209 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1209 Datasheet PDF - Maxim Integrated Products

Part # MAX1209
Download  MAX1209 Click to download

File Size   609.58 Kbytes
Page   29 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 40Msps, 12-Bit ADC

MAX1209 Datasheet (HTML) - Maxim Integrated Products


MAX1209 Product details

General Description
The MAX1206 is a 3.3V, 12-bit analog-to-digital converter (ADC) featuring a fully differential wideband track-andhold (T/H) input, driving the internal quantizer. The MAX1206 is optimized for low power, small size, and high dynamic performance. This ADC operates from a single 3.0V to 3.6V supply, consuming only 159mW, while delivering a typical signal-to-noise ratio (SNR) performance of 68.6dB at a 20MHz input frequency. The T/H-driven input stage accepts single-ended or differential inputs. In addition to low operating power, the MAX1206 features a 0.15mW power-down mode to conserve power during idle periods.

Features
♦ Excellent Dynamic Performance
    68.6dB SNR at fIN = 20MHz
    90dBc SFDR at fIN = 20MHz
♦ Low-Power Operation
    159mW at 3.0V (Single-Ended Clock)
    181mW at 3.3V (Single-Ended Clock)
    198mW at 3.3V (Differential Clock)
♦ Differential or Single-Ended Clock
♦ Accepts 20% to 80% Clock Duty Cycle
♦ Fully Differential or Single-Ended Analog Input
♦ Adjustable Full-Scale Analog Input Range
♦ Common-Mode Reference
♦ Power-Down Mode
♦ CMOS-Compatible Outputs in Two’s Complement or Gray Code
♦ Data-Valid Indicator Simplifies Digital Design
♦ Out-of-Range and Data-Valid Indicators
♦ Miniature, 40-Pin Thin QFN Package with Exposed Paddle
♦ Pin-Compatible, IF Sampling ADC Available (MAX1211ETL)
♦ Evaluation Kit Available (Order MAX1211EVKIT)

Applications
    Communication Receivers Cellular, LMDS, Point-to-Point Microwave, MMDS, HFC, WLAN
    Ultrasound and Medical Imaging
    Portable Instrumentation
    Low-Power Data Acquisition




Similar Part No. - MAX1209

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1209 MAXIM-MAX1209 Datasheet
762Kb / 28P
14-Bit, 95Msps, 3.3V ADC
Rev 0; 10/04
MAX1209 MAXIM-MAX1209 Datasheet
544Kb / 13P
Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
MAX1209 MAXIM-MAX1209 Datasheet
372Kb / 27P
12-Bit, 80Msps, 3.3V IF-Sampling ADC
2004
MAX1209ETL MAXIM-MAX1209ETL Datasheet
544Kb / 13P
Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
MAX1209ETL MAXIM-MAX1209ETL Datasheet
372Kb / 27P
12-Bit, 80Msps, 3.3V IF-Sampling ADC
2004
More results


Similar Description - MAX1209

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1421 MAXIM-MAX1421 Datasheet
310Kb / 17P
12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
19-1900; Rev 0; 5/01
MAX1126 MAXIM-MAX1126 Datasheet
790Kb / 25P
Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
19-3143; Rev 1; 3/04
logo
Burr-Brown (TI)
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
ADS5240 BURR-BROWN-ADS5240 Datasheet
418Kb / 24P
4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Exar Corporation
XRD6440 EXAR-XRD6440 Datasheet
1Mb / 28P
10-BIT 40MSPS CMOS ADC
XRD64L42 EXAR-XRD64L42 Datasheet
204Kb / 16P
Dual 10-Bit 40MSPS CMOS ADC
XRD64L43 EXAR-XRD64L43 Datasheet
5Mb / 20P
Dual 10-Bit 40MSPS CMOS ADC
logo
Maxim Integrated Produc...
MAX1436B MAXIM-MAX1436B Datasheet
516Kb / 24P
Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1126 MAXIM-MAX1126_V01 Datasheet
1Mb / 26P
Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
2005
MAX1421 MAXIM-MAX1421_V01 Datasheet
571Kb / 17P
12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
2006
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com