Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8562 Datasheet (PDF) - Maxim Integrated Products

MAX8562 Datasheet PDF - Maxim Integrated Products
Part # MAX8562
Download  MAX8562 Download
File Size   98.47 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description PLASTIC ENCAPSULATED DEVICES

MAX8562 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8562 Datasheet PDF - Maxim Integrated Products

Part # MAX8562
Download  MAX8562 Click to download

File Size   98.47 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description PLASTIC ENCAPSULATED DEVICES

MAX8562 Datasheet (HTML) - Maxim Integrated Products


MAX8562 Product details

General Description
The MAX8560/MAX8561/MAX8562 step-down DC-DC converters are optimized for applications that prioritize small size and high efficiency. They utilize a proprietary hysteretic-PWM control scheme that switches with fixed frequency and is adjustable up to 4MHz, allowing customers to trade efficiency for smaller external components. Output current is guaranteed up to 500mA, while quiescent current is only 40µA (typ).
Internal synchronous rectification greatly improves efficiency and eliminates the external Schottky diode required in conventional step-down converters. Built-in soft-start eliminates inrush current to reduce input capacitor requirements. The MAX8561 features logic controlled output voltage, while the MAX8562 drives an external bypass FET.
The MAX8560 is available in a 5-pin Thin SOT23 package. The MAX8561/MAX8562 are available in space saving 8-pin 3mm x 3mm Thin DFN packages.

Features
♦ Up to 4MHz PWM Switching Frequency
♦ 500mA Guaranteed Output Current
♦ 40µA (typ) Quiescent Current
♦ Adjustable Output Voltage from 0.6V to 2.5V
♦ Logic-Controlled Output Voltage (MAX8561)
♦ Drives External Bypass FET (MAX8562)
♦ ±1.5% Initial Accuracy
♦ Soft-Start Eliminates Inrush Current
♦ Fast Voltage-Positioning Transient Response
♦ Internal Synchronous Rectifier
♦ 2.7V to 5.5V Input
♦ 0.1µA Logic-Controlled Shutdown
♦ Thermal Shutdown
♦ Thin SOT23 or Space-Saving 3mm x 3mm x 0.8mm TDFN Packages

Applications
   Microprocessor/DSP Core Supplies
   Cellular and Smart Phones
   CDMA/RF Power-Amplifier Supplies
   PDAs, DSC, and MP3 Players




Similar Part No. - MAX8562

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8562 MAXIM-MAX8562 Datasheet
819Kb / 12P
4MHz, 500mA Synchronous Step-Down DC-DC Converters in Thin SOT and TDFN
2005
MAX8562ETA+T MAXIM-MAX8562ETA+T Datasheet
819Kb / 12P
4MHz, 500mA Synchronous Step-Down DC-DC Converters in Thin SOT and TDFN
2005
MAX8562ETA-T MAXIM-MAX8562ETA-T Datasheet
819Kb / 12P
4MHz, 500mA Synchronous Step-Down DC-DC Converters in Thin SOT and TDFN
2005
More results


Similar Description - MAX8562

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1546ETL MAXIM-MAX1546ETL Datasheet
123Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A May 8, 2003
MAX1951ESA MAXIM-MAX1951ESA Datasheet
92Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A May 14, 2003
MAX5309EUE MAXIM-MAX5309EUE Datasheet
99Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A March 30, 2004
MAX6101EUR MAXIM-MAX6101EUR Datasheet
92Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A February 14, 2003
MAX6900ETT MAXIM-MAX6900ETT Datasheet
47Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A May 13, 2003
MAX4007EUT MAXIM-MAX4007EUT Datasheet
92Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A April 28, 2003
MAX6713ZEXS MAXIM-MAX6713ZEXS Datasheet
58Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A December 17, 2001
MAX9018AEKA MAXIM-MAX9018AEKA Datasheet
94Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A September 22, 2003
LMX321AXK MAXIM-LMX321AXK Datasheet
91Kb / 5P
PLASTIC ENCAPSULATED DEVICES
Rev. A May 26, 2002
MAX1818EUAT MAXIM-MAX1818EUAT Datasheet
96Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A November 12, 2002
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com