Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC709LC5 Datasheet (PDF) - Analog Devices

HMC709LC5 Datasheet PDF - Analog Devices
Part # HMC709LC5
Download  HMC709LC5 Download
File Size   373.86 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ku Band VSAT Upconverters

HMC709LC5 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC709LC5 Datasheet PDF - Analog Devices

Part # HMC709LC5
Download  HMC709LC5 Click to download

File Size   373.86 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ku Band VSAT Upconverters

HMC709LC5 Datasheet (HTML) - Analog Devices


HMC709LC5 Product details

General Description
The HMC709LC5 is a compact GaAs MMIC I/Q upconverter in a leadless RoHS compliant SMT package. This device provides a small signal conversion gain of 13 dB with -20 dBc of sideband rejection. The HMC709LC5 utilizes a driver amplifier preceded by an I/Q mixer which is driven by an LO buffer amplifier. IF1 and IF2 mixer inputs are provided and an external 90° hybrid is needed to select the required sideband. The I/Q mixer topology reduces the need for filtering of the unwanted sideband. The HMC709LC5 is a much smaller alternative to hybrid style single sideband upconverter assemblies and it eliminates the need for wire bonding by allowing the use of surface mount manufacturing techniques.

Features
   High Conversion Gain: 13 dB
   Sideband Rejection: -20 dBc
   LO to RF Isolation: 10 dB
   Output IP3: +26 dBm
   32 Lead 5x5mm SMT Package: 25mm²

Typical Applications
The HMC709LC5 is ideal for:
• Point-to-Point and Point-to-Multi-Point Radio
• Military Radar, EW & ELINT
• Ku Band VSAT Upconverters
• Sensors
• Test & Measurement Equipment




Similar Part No. - HMC709LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC709LC5 HITTITE-HMC709LC5 Datasheet
642Kb / 6P
GaAs MMIC I/Q UPCONVERTER 11 - 17 GHz
HMC709LC5 HITTITE-HMC709LC5 Datasheet
240Kb / 6P
GaAs MMIC I/Q UPCONVERTER 11 - 17 GHz
HMC709LC5 HITTITE-HMC709LC5_10 Datasheet
642Kb / 6P
GaAs MMIC I/Q UPCONVERTER 11 - 17 GHz
More results


Similar Description - HMC709LC5

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2508-EPU-SM TRIQUINT-TGA2508-EPU-SM Datasheet
142Kb / 10P
Ku-Band VSAT Packaged Amplifier
logo
Communications & Power ...
VDU1587 CPI-VDU1587 Datasheet
316Kb / 1P
Ku-Band Monopulse Set
logo
TriQuint Semiconductor
TGC2510-SM TRIQUINT-TGC2510-SM Datasheet
1Mb / 22P
Ku-Band Upconverter
TGA2527-SM TRIQUINT-TGA2527-SM Datasheet
563Kb / 13P
Ku-Band Power Amplifier
TGA2533 TRIQUINT-TGA2533 Datasheet
429Kb / 11P
Ku-Band Power Amplifier
TGA2508-SM TRIQUINT-TGA2508-SM_15 Datasheet
386Kb / 9P
Ku-Band VSAT Packaged Amplifier
TGA2533-SM TRIQUINT-TGA2533-SM_15 Datasheet
878Kb / 13P
Ku-Band Power Amplifier
TGC2510-SM TRIQUINT-TGC2510-SM_15 Datasheet
919Kb / 23P
Ku-Band Upconverter
logo
Marki Microwave
FB-1500 MARKIMICROWAVE-FB-1500 Datasheet
429Kb / 2P
BANDPASS FILTER (Ku-Band)
logo
Qorvo, Inc
TGC2510-SM QORVO-TGC2510-SM Datasheet
1,014Kb / 23P
Ku - Band Upconverter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com