Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MKT1820 Datasheet (PDF) - Vishay Siliconix

MKT1820 Datasheet PDF - Vishay Siliconix
Part # MKT1820
Download  MKT1820 Download
File Size   54.05 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Metallized Polyester Film Capacitor

MKT1820 Datasheet (PDF)

Go To PDF Page Download Datasheet
MKT1820 Datasheet PDF - Vishay Siliconix

Part # MKT1820
Download  MKT1820 Click to download

File Size   54.05 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Metallized Polyester Film Capacitor

MKT1820 Datasheet (HTML) - Vishay Siliconix


MKT1820 Product details

FEATURES
• AEC-Q200 qualified (rev. D) for PCM ≤ 27.5 mm
   (for larger available components on request)
• High temperature capabilities, up to 150 °C
• Capacitance up to 560 μF
• 4-pin version available under request for pitch
   37.5 mm, under request
• Material categorization:
   for definitions of compliance please see
   www.vishay.com/doc?99912

APPLICATIONS
• Automotive
• DC filtering
• Low voltage DC link




Similar Part No. - MKT1820

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1820 VISHAY-MKT1820 Datasheet
130Kb / 12P
DC Film Capacitor MKT Radial Potted Type
23-Oct-08
MKT1820-410/405-G VISHAY-MKT1820-410/405-G Datasheet
130Kb / 12P
DC Film Capacitor MKT Radial Potted Type
23-Oct-08
MKT1820-410/405-W VISHAY-MKT1820-410/405-W Datasheet
130Kb / 12P
DC Film Capacitor MKT Radial Potted Type
23-Oct-08
MKT1820-422/635-G VISHAY-MKT1820-422/635-G Datasheet
130Kb / 12P
DC Film Capacitor MKT Radial Potted Type
23-Oct-08
MKT1820-422/635-V VISHAY-MKT1820-422/635-V Datasheet
130Kb / 12P
DC Film Capacitor MKT Radial Potted Type
23-Oct-08
More results


Similar Description - MKT1820

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
Metallized Polyester Film Capacitor
ECQ-E1106KF PANASONIC-ECQ-E1106KF Datasheet
173Kb / 9P
Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
Metallized Polyester Film Capacitor
ECQ-U2A225ML PANASONIC-ECQ-U2A225ML Datasheet
115Kb / 2P
Metallized Polyester Film Capacitor
ECQ-E6104RKF PANASONIC-ECQ-E6104RKF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6224KF PANASONIC-ECQ-E6224KF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
Metallized Polyester Film Capacitor
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com