Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C84 Datasheet (PDF) - Microchip Technology

PIC16C84 Datasheet PDF - Microchip Technology
Part # PIC16C84
Download  PIC16C84 Download
File Size   773.97 Kbytes
Page   117 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8 BIT CMOS EEPROM MICROCONTROLLERS

PIC16C84 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16C84 Datasheet PDF - Microchip Technology

Part # PIC16C84
Download  PIC16C84 Click to download

File Size   773.97 Kbytes
Page   117 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8 BIT CMOS EEPROM MICROCONTROLLERS

PIC16C84 Datasheet (HTML) - Microchip Technology


PIC16C84 Product details

GENERAL DESCRIPTION
The PIC16C8X is a group in the PIC16CXX family of low-cost, high-performance, CMOS, fully-static, 8-bit microcontrollers. This group contains the following devices:

• PIC16C83
• PIC16CR83
• PIC16C84
• PIC16C84A
• PIC16CR84

All PIC16/17 microcontrollers employ an advanced RISC architecture. PIC16CXX devices have enhanced core features, eight-level deep stack, and multiple internal and external interrupt sources. The separate instruction and data buses of the Harvard architecture allow a 14-bit wide instruction word with a separate 8-bit wide data bus. The two stage instruction pipeline allows all instructions to execute in a single cycle, except for program branches (which require two cycles). A total of 35 instructions (reduced instruction set) are available. Additionally, a large register set gives some of the architectural innovations used to achieve a very high performance.

High Performance RISC CPU Features
• Only 35 single word instructions to learn
• All instructions single cycle (400 ns @ 10 MHz) except for program branches which are two-cycle
• Operating speed:
   DC - 10 MHz clock input
   DC - 400 ns instruction cycle
• 14-bit wide instructions
• 8-bit wide data path
• 15 special function hardware registers
• Eight-level deep hardware stack
• Direct, indirect and relative addressing modes
• Four interrupt sources:
   - External RB0/INT pin
   - TMR0 timer overflow
   - PORTB<7:4> interrupt on change
   - Data EEPROM write complete
• 1,000,000 data memory EEPROM ERASE/WRITE cycles - Typical
• EEPROM Data Retention > 40 years

Peripheral Features
• 13 I/O pins with individual direction control
• High current sink/source for direct LED drive
   - 25 mA sink max. per pin
   - 20 mA source max. per pin
• TMR0: 8-bit timer/counter with 8-bit programmable prescaler

Special Microcontroller Features
• Power-on Reset (POR)
• Power-up Timer (PWRT)
• Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation
• Code-protection
• Power saving SLEEP mode
• Selectable oscillator options
• Serial In-System Programming - via two pins
   (ROM devices support only Data EEPROM programming)

CMOS Technology
• Low-power, high-speed CMOS EEPROM technology
• Fully static design
• Wide operating voltage range:
   - Commercial: 2.0V to 6.0V
   - Industrial: 2.0V to 6.0V
• Low power consumption:
   - < 2 mA typical @ 5V, 4 MHz
   - 15 µA typical @ 2V, 32 kHz
   - < 1 µA typical standby current @ 2V (all devices except PIC16C84)




Similar Part No. - PIC16C84

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C84 MICROCHIP-PIC16C84 Datasheet
111Kb / 14P
EEPROM Memory Programming Specification
1996
PIC16C84 MICROCHIP-PIC16C84 Datasheet
935Kb / 108P
8-bit CMOS EEPROM Microcontroller
1997 - 1999
PIC16C84 MICROCHIP-PIC16C84 Datasheet
1Mb / 110P
8-bit CMOS EEPROM Microcontroller
11/29/12 ??1996-2013
PIC16C84T MICROCHIP-PIC16C84T Datasheet
1Mb / 110P
8-bit CMOS EEPROM Microcontroller
11/29/12 ??1996-2013
PIC16C84 MICROCHIP-PIC16C84_13 Datasheet
1Mb / 110P
8-bit CMOS EEPROM Microcontroller
11/29/12 ??1996-2013
More results


Similar Description - PIC16C84

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C6X MICROCHIP-PIC16C6X Datasheet
2Mb / 336P
8-Bit CMOS Microcontrollers
1997 - 1999
logo
Samsung semiconductor
S3C825A SAMSUNG-S3C825A Datasheet
1Mb / 346P
8-BIT CMOS MICROCONTROLLERS
S3P852B SAMSUNG-S3P852B Datasheet
1Mb / 383P
8-BIT CMOS MICROCONTROLLERS
S3P80C5 SAMSUNG-S3P80C5 Datasheet
1Mb / 263P
8-Bit CMOS Microcontrollers
logo
Toshiba Semiconductor
TMP90C041 TOSHIBA-TMP90C041 Datasheet
324Kb / 12P
CMOS 8-Bit Microcontrollers
TMP90C041A TOSHIBA-TMP90C041A Datasheet
364Kb / 12P
CMOS 8-Bit Microcontrollers
logo
Samsung semiconductor
S3C828B SAMSUNG-S3C828B Datasheet
3Mb / 369P
8-BIT CMOS MICROCONTROLLERS
S3C8275 SAMSUNG-S3C8275 Datasheet
1Mb / 326P
8-BIT CMOS MICROCONTROLLERS
S3C852B SAMSUNG-S3C852B Datasheet
1Mb / 383P
8-BIT CMOS MICROCONTROLLERS
logo
Microchip Technology
PIC16LC62A-04 MICROCHIP-PIC16LC62A-04 Datasheet
1Mb / 337P
8-Bit CMOS Microcontrollers
01/18/02
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com