Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSS100N03 Datasheet (PDF) - Rohm

RSS100N03 Datasheet PDF - Rohm
Part # RSS100N03
Download  RSS100N03 Download
File Size   59.93 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Switching (30V, 짹10A)

RSS100N03 Datasheet (PDF)

Go To PDF Page Download Datasheet
RSS100N03 Datasheet PDF - Rohm

Part # RSS100N03
Download  RSS100N03 Click to download

File Size   59.93 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Switching (30V, 짹10A)

RSS100N03 Datasheet (HTML) - Rohm


RSS100N03 Product details

Switching (30V, ±10A)



Features

1) Low on-resistance.

2) Built-in G-S Protection Diode.

3) Small and Surface Mount Package (SOP8).



Applications

Power switching, DC/DC converter.




Similar Part No. - RSS100N03

ManufacturerPart #DatasheetDescription
logo
Rohm
RSS100N03 ROHM-RSS100N03 Datasheet
87Kb / 4P
4V Drive Nch MOS FET
Rev.A
RSS100N03FRA ROHM-RSS100N03FRA Datasheet
2Mb / 15P
Nch 30V 10A Power MOSFET
RSS100N03FU6TB ROHM-RSS100N03FU6TB Datasheet
87Kb / 4P
4V Drive Nch MOS FET
Rev.A
RSS100N03HZG ROHM-RSS100N03HZG Datasheet
2Mb / 14P
Nch 30V 10A Power MOSFET
logo
VBsemi Electronics Co.,...
RSS100N03TB VBSEMI-RSS100N03TB Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
More results


Similar Description - RSS100N03

ManufacturerPart #DatasheetDescription
logo
Rohm
RSS050P03 ROHM-RSS050P03 Datasheet
87Kb / 5P
Switching (-30V, -5.0A)
RSS140N03 ROHM-RSS140N03 Datasheet
61Kb / 4P
Switching (30V, 14A)
RSS125N03 ROHM-RSS125N03 Datasheet
59Kb / 4P
Switching (30V, 12.5A)
SP8K5 ROHM-SP8K5 Datasheet
59Kb / 4P
Switching (30V, 3.5A)
RK4410 ROHM-RK4410 Datasheet
40Kb / 4P
Switching (30V, 10A)
RSS040P03 ROHM-RSS040P03 Datasheet
85Kb / 5P
Switching (-30V,-4.0A)
SP8K3 ROHM-SP8K3 Datasheet
60Kb / 4P
Switching (30V, 7.0A)
SP8K4 ROHM-SP8K4 Datasheet
60Kb / 4P
Switching (30V, 9.0A)
RK9410 ROHM-RK9410 Datasheet
43Kb / 4P
Switching (30V, 7A)
SP8K1TB ROHM-SP8K1TB Datasheet
65Kb / 4P
Switching (30V, 5.0A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com