Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTD14005 Datasheet (PDF) - Siemens Semiconductor Group

RTD14005 Datasheet PDF - Siemens Semiconductor Group
Part # RTD14005
Download  RTD14005 Download
File Size   193.38 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Miniature Printed Circuit Board Relays, Sockets and Accessories

RTD14005 Datasheet (PDF)

Go To PDF Page Download Datasheet
RTD14005 Datasheet PDF - Siemens Semiconductor Group

Part # RTD14005
Download  RTD14005 Click to download

File Size   193.38 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Miniature Printed Circuit Board Relays, Sockets and Accessories

RTD14005 Datasheet (HTML) - Siemens Semiconductor Group


RTD14005 Product details

Features

• SPST through DPDT contact arrangements.

• Immersion cleanable and flux tight versions available.

• VDE 10mm spacing, 5kV dielectric, coil to contacts.

• UL Class F coil insulation system.

• Conforms to UL 508, 1873, 353 and 1950.

• Low profile; 15.7mm height.

• Sensitive coil; 400mW.

• Withstand surge voltage of 10,000V



 




Similar Part No. - RTD14005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RTD14005 MACOM-RTD14005 Datasheet
286Kb / 4P
Power PCB Relay
RTD14005 MACOM-RTD14005 Datasheet
243Kb / 4P
Power PCB Relay RT1
RTD14005 MACOM-RTD14005 Datasheet
729Kb / 5P
General Purpose Relays PCB Relays
RTD14005 MACOM-RTD14005 Datasheet
589Kb / 3P
Power PCB Relay RT1 1 pole 12 / 16 A, DC- or AC-coil
logo
TE Connectivity Ltd
RTD14005 TEC-RTD14005 Datasheet
543Kb / 4P
General Purpose Relays PCB Relays
11-2020, Rev. 1120
More results


Similar Description - RTD14005

ManufacturerPart #DatasheetDescription
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
PRINTED CIRCUIT BOARD
logo
Omron Electronics LLC
P2CF-08 OMRON-P2CF-08 Datasheet
685Kb / 28P
General-purpose Relays and Power Relays Sockets
logo
List of Unclassifed Man...
276XAXH-5D ETC2-276XAXH-5D Datasheet
799Kb / 25P
PRINTED CIRCUIT BOARD RELAYS 1 TO 30 AMPERES
50871-8 ETC2-50871-8 Datasheet
30Kb / 1P
Miniature Spring Sockets
logo
Tyco Electronics
1217754-1 MACOM-1217754-1 Datasheet
535Kb / 9P
FASTON Printed Circuit Board Tabs and Receptacles
logo
List of Unclassifed Man...
PCH330 ETC2-PCH330 Datasheet
220Kb / 1P
SOCKETS FOR CIRCUIT BOARD MOUNTING
logo
Visual Communications C...
CM21-16 VCC-CM21-16 Datasheet
76Kb / 1P
Lamp Sockets and Accessories
logo
TE Connectivity Ltd
27E043 TEC-27E043 Datasheet
695Kb / 3P
Sockets & Accessories, KUP Relays
10-2012, Rev. 1012
logo
Relpol S.A.
GZT80 RELPOL-GZT80 Datasheet
10Mb / 20P
Plug-in sockets and accessories
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com