Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7171 Datasheet (PDF) - Analog Devices

ADM7171 Datasheet PDF - Analog Devices
Part # ADM7171
Download  ADM7171 Download
File Size   1101.72 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fast transient response

ADM7171 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM7171 Datasheet PDF - Analog Devices

Part # ADM7171
Download  ADM7171 Click to download

File Size   1101.72 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fast transient response

ADM7171 Datasheet (HTML) - Analog Devices


ADM7171 Product details

GENERAL DESCRIPTION
The ADM7171 is a CMOS, low dropout linear regulator (LDO) that operates from 2.3 V to 6.5 V and provides up to 1 A of output current. This high output current LDO is ideal for regulation of high performance analog and mixed signal circuits operating from 6 V down to 1.2 V rails. Using an advanced proprietary architecture, the device provides high power supply rejection and low noise, and achieves excellent line and load transient response with just a small 4.7 μF ceramic output capacitor. Load transient response is typically 1.5 μs for a 1 mA to 500 mA load step.
The ADM7171 is available in 17 fixed output voltage options. The following voltages are available from stock: 1.3 V, 1.8 V, 2.5 V, 3.0 V, 3.3 V, 4.2 V, and 5.0 V. Additional voltages that are available by special order are: 1.5 V, 1.85 V, 2.0 V, 2.2 V, 2.7 V, 2.75 V, 2.8 V, 2.85 V, 3.8 V, and 4.6 V. An adjustable version is also available that allows output voltages that range from 1.2 V to VIN − VDO with an external feedback divider.
Inrush current can be controlled by adjusting the start-up time via the soft start pin. The typical start-up time with a 1 nF soft start capacitor is 1.0 ms.
The ADM7171 regulator output noise is 5 μV rms independent of the output voltage. The ADM7171 is available in an 8-lead, 3 mm × 3 mm LFCSP, making it not only a very compact solution, but also providing excellent thermal performance for applications requiring up to 1 A of output current in a small, low profile footprint.

FEATURES
   Input voltage range: 2.3 V to 6.5 V
   Maximum load current: 1 A
   Low noise: 5 μV rms independent of output voltage at
      100 Hz to 100 kHz
   Fast transient response: 1.5 μs for 1 mA to 500 mA load step
   60 dB PSRR at 100 kHz
   Low dropout voltage: 42 mV at 500 mA load, VOUT = 3 V
   Initial accuracy: −0.5% (minimum), +1% (maximum)
   Accuracy over line, load, and temperature: ±1.5%
   Quiescent current, IGND = 0.7 mA with no load
   Low shutdown current: 0.25 μA at VIN = 5 V
   Stable with small 4.7 μF ceramic output capacitor
   Adjustable and fixed output voltage options: 1.2 V to 5.0 V
   Adjustable output from 1.2 V to VIN − VDO
   Precision enable
   Adjustable soft start
   8-lead, 3 mm × 3 mm LFCSP package
   Supported by ADIsimPower tool

APPLICATIONS
   Regulation to noise sensitive applications: ADC and DAC
      circuits, precision amplifiers, PLLs/VCOs, and clocking ICs
   Communications and infrastructure
   Medical and healthcare
   Industrial and instrumentation




Similar Part No. - ADM7171

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM7170 AD-ADM7170 Datasheet
1Mb / 24P
Adjustable and fixed output voltage options
Rev. C
ADM7170ACPZ-1.3-R7 AD-ADM7170ACPZ-1.3-R7 Datasheet
1Mb / 24P
Adjustable and fixed output voltage options
Rev. C
ADM7170ACPZ-1.8-R7 AD-ADM7170ACPZ-1.8-R7 Datasheet
1Mb / 24P
Adjustable and fixed output voltage options
Rev. C
ADM7170ACPZ-2.5-R7 AD-ADM7170ACPZ-2.5-R7 Datasheet
1Mb / 24P
Adjustable and fixed output voltage options
Rev. C
ADM7170ACPZ-3.0-R7 AD-ADM7170ACPZ-3.0-R7 Datasheet
1Mb / 24P
Adjustable and fixed output voltage options
Rev. C
More results


Similar Description - ADM7171

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5140-15 MSK-MSK5140-15_15 Datasheet
377Kb / 8P
Fast Transient Response
MSK5140-33 MSK-MSK5140-33_15 Datasheet
377Kb / 8P
Fast Transient Response
MSK5141 MSK-MSK5141_15 Datasheet
472Kb / 8P
Fast Transient Response
logo
Rohm
BU90054GWZ ROHM-BU90054GWZ Datasheet
1,015Kb / 18P
Fast transient response
logo
International Rectifier
IRUH3301A1B IRF-IRUH3301A1B_15 Datasheet
184Kb / 9P
Fast Transient Response
IRUH330118B IRF-IRUH330118B_15 Datasheet
168Kb / 9P
Fast Transient Response
IRUH330125A IRF-IRUH330125A_15 Datasheet
170Kb / 9P
Fast Transient Response
IRUH330125B IRF-IRUH330125B_15 Datasheet
168Kb / 9P
Fast Transient Response
IRUH330133B IRF-IRUH330133B_15 Datasheet
169Kb / 9P
Fast Transient Response
logo
Wall Industries,Inc.
HPSERIES WALL-HPSERIES Datasheet
482Kb / 5P
Fast Transient Response
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com