Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5051 Datasheet (PDF) - Analog Devices

ADP5051 Datasheet PDF - Analog Devices
Part # ADP5051
Download  ADP5051 Download
File Size   3005.62 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wide input voltage range

ADP5051 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP5051 Datasheet PDF - Analog Devices

Part # ADP5051
Download  ADP5051 Click to download

File Size   3005.62 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wide input voltage range

ADP5051 Datasheet (HTML) - Analog Devices


ADP5051 Product details

GENERAL DESCRIPTION
The ADP5051 combines four high performance buck regulators and a supervisory circuit with a voltage monitor, a watchdog function, and a manual reset in a 48-lead LFCSP package that meets demanding performance and board space requirements. The device enables direct connection to high input voltages up to 15.0 V with no preregulators.
Channel 1 and Channel 2 integrate high-side power MOSFET and low-side MOSFET drivers. In low-side power devices, use external NFETs to achieve an efficiency optimized solution and deliver a programmable output current of 1.2 A, 2.5 A, or 4 A.
Combining Channel 1 and Channel 2 in a parallel configuration provides a single output with up to 8 A of current. Channel 3 and Channel 4 integrate both high-side and low-side MOSFETs to deliver an output current of 1.2 A.
The ADP5051 supervisory circuits monitor the voltage level. The watchdog timer generates a reset when the WDI pin does not toggle within a preset timeout period. Select manual reset functionality via the processor reset mode or system power on/off switch mode.
The optional I2C interface offers flexible configurations, including adjustable and fixed output voltage, junction temperature overheat warning, low input voltage detection, and dynamic voltage scaling.

FEATURES
   Wide input voltage range: 4.5 V to 15.0 V
   ±1.5% output accuracy over full temperature range
   250 kHz to 1.4 MHz adjustable switching frequency
   Adjustable/fixed output options via factory fuse or I2C interface
   I2C interface with interrupt on fault conditions
   Power regulation
      Channel 1 and Channel 2: programmable 1.2 A/2.5 A/4 A
         sync buck regulators with low-side FET driver
      Channel 3 and Channel 4: 1.2 A sync buck regulators
   Single 8 A output (Channel 1 and Channel 2 in parallel)
   Dynamic voltage scaling (DVS) for Channel 1 and Channel 4
   Precision enable with 0.8 V accurate threshold
   Active output discharge switch
   Programmable phase shift in 90° steps
   Individual channel FPWM/PSM selection
   Frequency synchronization input or output
   Optional latch-off protection on OVP/OCP failure
   Power-good flag on selected channels
   Low input voltage detection
   Open-drain processor reset with external adjustable threshold
      monitoring
   Watchdog refresh input
   Manual reset input
   Overheat detection on junction temperature
   UVLO, OCP, and TSD protection

APPLICATIONS
   Small cell base stations
   FPGA and processor applications
   Security and surveillance
   Medical applications




Similar Part No. - ADP5051

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5051 AD-ADP5051 Datasheet
1Mb / 37P
Integrated Power Solution with Quad Buck
Rev. B
More results


Similar Description - ADP5051

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
Wide Input Voltage Range
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
Wide input voltage range
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
Wide input voltage range
PV15-29B05 MORNSUN-PV15-29B05 Datasheet
1Mb / 6P
Ultra wide input voltage range
PV45-29D1515-15 MORNSUN-PV45-29D1515-15 Datasheet
951Kb / 4P
Ultra wide input voltage range
URB1D03LMD-15WR3 MORNSUN-URB1D03LMD-15WR3 Datasheet
3Mb / 9P
Ultra wide input voltage range
URB1D05YMD-6WR3 MORNSUN-URB1D05YMD-6WR3 Datasheet
2Mb / 7P
Ultra wide input voltage range
URF1D12HB-150W MORNSUN-URF1D12HB-150W Datasheet
2Mb / 8P
Wide input voltage range
logo
Astec America, Inc
AEW ASTEC-AEW Datasheet
1Mb / 46P
Two wide input voltage range
logo
Bel Fuse Inc.
RCM60 BEL-RCM60 Datasheet
2Mb / 16P
Ultra-wide input voltage range
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com