Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC832LP6GE Datasheet (PDF) - Analog Devices

HMC832LP6GE Datasheet PDF - Analog Devices
Part # HMC832LP6GE
Download  HMC832LP6GE Download
File Size   1170.08 Kbytes
Page   49 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Cellular infrastructure

HMC832LP6GE Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC832LP6GE Datasheet PDF - Analog Devices

Part # HMC832LP6GE
Download  HMC832LP6GE Click to download

File Size   1170.08 Kbytes
Page   49 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Cellular infrastructure

HMC832LP6GE Datasheet (HTML) - Analog Devices


HMC832LP6GE Product details

GENERAL DESCRIPTION
The HMC832 is a 3.3 V, high performance, wideband, fractional-N, phase-locked loop (PLL) that features an integrated voltage controlled oscillator (VCO) with a fundamental frequency of 1500 MHz to 3000 MHz, and an integrated VCO output divider (divide by 1/2/4/6/…60/62), that enables the HMC832 to generate continuous frequencies from 25 MHz to 3000 MHz. The integrated phase detector (PD) and delta-sigma (Δ-Σ) modulator, capable of operating at up to 100 MHz, permit wider loop bandwidths and faster frequency tuning with excellent spectral performance.
Industry leading phase noise and spurious performance, across all frequencies, enable the HMC832 to minimize blocker effects, and to improve receiver sensitivity and transmitter spectral purity. A low noise floor (−160 dBc/Hz) eliminates any contribution to modulator/mixer noise floor in transmitter applications.

FEATURES
   RF bandwidth:
   25 MHz to 3000 MHz
   3.3 V supply
   Maximum phase detector rate: 100 MHz
   Ultralow phase noise
   −110 dBc/Hz in band, typical
   Fractional figure of merit (FOM): −226 dBc/Hz
   24-bit step size, resolution 3 Hz typical
   Exact frequency mode with 0 Hz frequency error
   Fast frequency hopping
   40-lead 6 mm × 6 mm SMT package: 36 mm2
  
APPLICATIONS
   Cellular infrastructure
   Microwave radio
   WiMax, WiFi
   Communications test equipment
   CATV equipment
   DDS replacement
   Military
   Tunable reference source for spurious-free performance




Similar Part No. - HMC832LP6GE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8325 AD-HMC8325 Datasheet
309Kb / 16P
E-Band Low Noise Amplifier
Feb-2017
HMC8325-SX AD-HMC8325-SX Datasheet
309Kb / 16P
E-Band Low Noise Amplifier
Feb-2017
HMC8326LG AD-HMC8326LG Datasheet
176Kb / 2P
E-BAND LOW NOISE DOWNCONVERTER SIP 71 - 76 GHz
HMC8327LG AD-HMC8327LG Datasheet
174Kb / 2P
E-BAND LOW NOISE DOWNCONVERTER SIP 81 - 86 GHz
HMC832A AD-HMC832A Datasheet
1Mb / 48P
Fractional-N PLL with Integrated VCO
Nov-2015
More results


Similar Description - HMC832LP6GE

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1.5KCD6.8 MICROSEMI-1.5KCD6.8 Datasheet
134Kb / 2P
CELLULAR DIE PACKAGE
logo
RFHIC
RFUR08-50 RFHIC-RFUR08-50 Datasheet
239Kb / 5P
Cellular Converter
logo
M/A-COM Technology Solu...
CSM1-17 MA-COM-CSM1-17 Datasheet
97Kb / 3P
Cellular Applications
logo
OmniVision Technologies...
OV6211 OMNIVISION-OV6211 Datasheet
1Mb / 2P
Cellular Phones
logo
World Produts Inc.
WPANT30074-S1A WPI-WPANT30074-S1A_15 Datasheet
296Kb / 5P
4G Cellular
logo
Siemens Semiconductor G...
TC35I SIEMENS-TC35I Datasheet
3Mb / 37P
Siemens Cellular Engine
logo
TELTONIKA NETWORKS.
RUT240 TELTONIKA-RUT240 Datasheet
1Mb / 14P
INDUSTRIAL CELLULAR ROUTER
RUT950 TELTONIKA-RUT950 Datasheet
1Mb / 14P
INDUSTRIAL CELLULAR ROUTER
logo
Guangdong Youtai Semico...
ESD05V52D UMW-ESD05V52D Datasheet
800Kb / 3P
Cellular phones
ESD3Z5V0 UMW-ESD3Z5V0 Datasheet
865Kb / 4P
Cellular phones
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com