Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K140-4 Datasheet (PDF) - Amphenol Corporation

K140-4 Datasheet PDF - Amphenol Corporation
Part # K140-4
Download  K140-4 Download
File Size   46.64 Kbytes
Page   2 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description Ice Point Reference

K140-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
K140-4 Datasheet PDF - Amphenol Corporation

Part # K140-4
Download  K140-4 Click to download

File Size   46.64 Kbytes
Page   2 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description Ice Point Reference

K140-4 Datasheet (HTML) - Amphenol Corporation




Similar Part No. - K140-4

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
K140-4 AMPHENOL-K140-4 Datasheet
84Kb / 2P
Eispunkt-Referenz
More results


Similar Description - K140-4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
ICE car radio
September 1993
logo
Motorola, Inc
MPM3003 MOTOROLA-MPM3003 Datasheet
818Kb / 12P
ICE PAK POWER MODULE
logo
OEN India Limited
37D-2-12-SLDT OENINDIA-37D-2-12-SLDT Datasheet
117Kb / 2P
ICE CUBE STYLE INDUSTRIAL RELAY
37A-4-12-SL OENINDIA-37A-4-12-SL Datasheet
93Kb / 1P
ICE CUBE STYLE INDUSTRIAL RELAY
logo
OptoSupply Internationa...
OSB64L5111A OPTOSUPPLY-OSB64L5111A Datasheet
110Kb / 1P
5mm Round Ice Blue LED
logo
List of Unclassifed Man...
PMODTPH ETC1-PMODTPH Datasheet
150Kb / 1P
Digilent PmodTPH Test Point Header Board Reference Manual
logo
OptoSupply Internationa...
OSB64L3131A OPTOSUPPLY-OSB64L3131A Datasheet
119Kb / 1P
3mm Round Ice Bllue LED
logo
Vishay Siliconix
NTCASRFE3C90406 VISHAY-NTCASRFE3C90406_17 Datasheet
92Kb / 3P
NTC Thermistors, Ice Cube Sensors
24-Mar-17
logo
Schneider Electric
781XAXRM4L-24D SCHNEIDER-781XAXRM4L-24D Datasheet
167Kb / 3P
ICE CUBE RELAYS
10/29/2019
logo
ATMEL Corporation
ATATMEL-ICE ATMEL-ATATMEL-ICE Datasheet
2Mb / 61P
The Atmel-ICE Debugger
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com