Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51243 Datasheet (PDF) - Amphenol Corporation

51243 Datasheet PDF - Amphenol Corporation
Part # 51243
Download  51243 Download
File Size   50.87 Kbytes
Page   2 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description High reliability, solid state silicon pressure sensors

51243 Datasheet (PDF)

Go To PDF Page Download Datasheet
51243 Datasheet PDF - Amphenol Corporation

Part # 51243
Download  51243 Click to download

File Size   50.87 Kbytes
Page   2 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description High reliability, solid state silicon pressure sensors

51243 Datasheet (HTML) - Amphenol Corporation


51243 Product details

The P122 piezoresistive pressure sensors are offered in a miniature 0.10 in x 0.10 in (2.5 mm x 2.5 mm) die. When excited with 1.0 mA, the P122 produces a millivolt output that is proportional to input pressure. The P122 is available as an absolute pressure sensor where the media pressure is referenced to an internal vacuum sealed in the die. With NovaSensor’s SenStable® process, the P122 will provide very good long-term stability and excellent repeatability.

Features
• High reliability, solid state silicon pressure
   sensors
• Available in absolute pressure version
• Standard pressure ranges: 1700, 3500,
   17000, 21000, 35000 and 70000 kPaA
• Nonlinearity < 0.25% FSO BFSL
• 2X overpressure limit

Applications
• Process control systems
• Pneumatic controls
• Biomedical instruments
• Hydraulic systems




Similar Part No. - 51243

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5124 ETC2-5124 Datasheet
462Kb / 1P
THM TEST POINTS
logo
3M Electronics
5124 3M-5124 Datasheet
38Kb / 2P
DIP Clips for 8-14-16-20-24-40 Pin Clips And 8 Through 40 Pin DIP Removers
14-Aug-2016
logo
ON Semiconductor
5124 ONSEMI-5124 Datasheet
2Mb / 28P
Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
March, 2021 ??Rev. 1
5124 ONSEMI-5124 Datasheet
2Mb / 26P
Compact Intelligent Power Module Based Motor Evaluation Board with Interleaved Power Factor Correction
February, 2020 ??Rev. 2
logo
Keystone Electronics Co...
5124 KEYSTONE-5124 Datasheet
277Kb / 1P
THRU HOLE MOUNT TEST POINTS - COLOR KEYED
More results


Similar Description - 51243

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D8M OMRON-D8M Datasheet
734Kb / 6P
Solid State Pressure Sensors
logo
Amphenol Corporation
NPI-19 AMPHENOL-NPI-19 Datasheet
65Kb / 4P
Solid state, high reliability
NPH-8-100 AMPHENOL-NPH-8-100 Datasheet
92Kb / 4P
Solid state, high reliability
NPH-8 AMPHENOL-NPH-8 Datasheet
111Kb / 4P
Solid state, high reliability
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
Solid state, high reliability
P1302 AMPHENOL-P1302 Datasheet
72Kb / 4P
High reliability, solid state silicon pressure sensors
P1300 AMPHENOL-P1300 Datasheet
49Kb / 2P
High reliability, solid state silicon pressure sensors
P111 AMPHENOL-P111 Datasheet
48Kb / 2P
Highly reliable, solid state silicon pressure sensors
P112 AMPHENOL-P112 Datasheet
43Kb / 2P
High reliability, solid state silicon pressure sensors
logo
Omron Electronics LLC
D8M OMRON-D8M_V01 Datasheet
401Kb / 6P
Solid State Pressure Sensors
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com