Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNPW Datasheet (PDF) - Vishay Siliconix

TNPW Datasheet PDF - Vishay Siliconix
Part # TNPW
Download  TNPW Download
File Size   85.51 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thin Film, Rectangular, Resistor Chips

TNPW Datasheet (PDF)

Go To PDF Page Download Datasheet
TNPW Datasheet PDF - Vishay Siliconix

Part # TNPW
Download  TNPW Click to download

File Size   85.51 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thin Film, Rectangular, Resistor Chips

TNPW Datasheet (HTML) - Vishay Siliconix


TNPW Product details

TNPW High Stability Thin Film Chip Resistors are the perfect choice for most fields of modern electronics where lead (Pb)-bearing terminations are mandatory and reliability and stability are of major concern.

FEATURES
• Metal film layer on high quality ceramic
• SnPb termination plating, Pb content > 6 %
• Excellent overall stability at different environmental
   conditions ≤ 0.05 % (1000 h rated power at 70 °C)
• Low temperature coefficient and tight tolerances (± 0.1 %;
   ± 10 ppm/K)
• Single lot date code available

APPLICATIONS
• Military
• Avionics
• Industrial




Similar Part No. - TNPW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW VISHAY-TNPW Datasheet
123Kb / 8P
Lead (Pb)-Bearing High Stability Thin Film Chip Resistors
24-Jan-14
TNPW VISHAY-TNPW Datasheet
313Kb / 14P
High Stability Thin Film Flat Chip Resistors
23-Sep-2021
TNPW-E3 VISHAY-TNPW-E3 Datasheet
182Kb / 13P
High Stability Thin Film Flat Chip Resistors
12-May-16
TNPW0201-E3 VISHAY-TNPW0201-E3 Datasheet
340Kb / 14P
High Stability Thin Film Flat Chip Resistors
23-Sep-2021
TNPW0201E3 VISHAY-TNPW0201E3 Datasheet
186Kb / 13P
High Stability Thin Film Flat Chip Resistors
21-Feb-2020
More results


Similar Description - TNPW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M25SI VISHAY-M25SI Datasheet
168Kb / 2P
Thin Film, Rectangular, Fusible, Resistor Chips
05-Aug-02
M55342 VISHAY-M55342 Datasheet
123Kb / 2P
QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
08-Oct-04
logo
California Micro Device...
110R CALMIRCO-110R Datasheet
393Kb / 1P
THIN FILM RESISTOR SERIES
XRN772 CALMIRCO-XRN772 Datasheet
37Kb / 1P
Thin Film Resistor Series
logo
Vishay Siliconix
M25SI VISHAY-M25SI_05 Datasheet
140Kb / 3P
Thin Film, Rectangular, Fusible, Resistor Chips
24-May-05
M55342E01B1C100MBSV VISHAY-M55342E01B1C100MBSV Datasheet
119Kb / 4P
QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
04-Nov-14
logo
List of Unclassifed Man...
RG1608N-4121 ETC2-RG1608N-4121 Datasheet
179Kb / 3P
Thin Film Chip Resistor
RG1608P-2610 ETC2-RG1608P-2610 Datasheet
179Kb / 3P
Thin Film Chip Resistor
logo
Vishay Siliconix
MIC VISHAY-MIC_15 Datasheet
76Kb / 3P
Thin Film Microwave Resistor
02-May-13
MIF VISHAY-MIF Datasheet
84Kb / 3P
Thin Film Microwave Resistor
02-May-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com