Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPB1009K Datasheet (PDF) - NEC

UPB1009K Datasheet PDF - NEC
Part # UPB1009K
Download  UPB1009K Download
File Size   344.04 Kbytes
Page   27 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NECs LOW POWER GPS RF RECEIVER BIPOLAR ANALOG INTEGRATED CIRCUIT

UPB1009K Datasheet (PDF)

Go To PDF Page Download Datasheet
UPB1009K Datasheet PDF - NEC

Part # UPB1009K
Download  UPB1009K Click to download

File Size   344.04 Kbytes
Page   27 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NECs LOW POWER GPS RF RECEIVER BIPOLAR ANALOG INTEGRATED CIRCUIT

UPB1009K Datasheet (HTML) - NEC


UPB1009K Product details

DESCRIPTION
The µPB1009K is a silicon monolithic IC developed for GPS receivers. This IC integrates a full VCO, second IF filter, 4-bit ADC, and digital control interface to reduce cost and mounting space. In addition, its power consumption is low.
Moreover, use of a TCXO with frequency of 16.368 MHz/16.384 MHz, 14.4 MHz, 19.2 MHz, or 26 MHz switchable with an on-chip divider is possible.
NEC’s stringent quality assurance and test procedures ensure the highest reliability and performance.

FEATURES
• Double conversion : fREFin = 16.368 MHz, f1stIFin = 61.380 MHz, f2ndIFin = 4.092 MHz
                                 : fREFin = 14.4, 16.384, 19.2, 26 MHz, f1stIFin = 62.980 MHz, f2ndIFin = 2.556 MHz
• Multiple system clocks : On-chip switchable frequency divider (1/N = 100, 3/256, 9/1024, 65/4096)
• A/D converter : On-chip 4-bit A/D converter
• High-density RF block : On-chip VCO tank circuit and 2ndIF filter
• Supply voltage : VCC = 2.7 to 3.3 V
• Low current consumption : ICC = 26.0 mA TYP. @ VCC = 3.0 V, N = 100
• High-density surface mountable : 44-pin plastic QFN

APPLICATIONS
• Consumer use GPS receiver of reference frequency 16.368 MHz, 2nd IF frequency 4.092 MHz
• Consumer use GPS receiver of reference frequency 14.4, 16.384, 19.2, 26 MHz, 2ndIF frequency 2.556 MHz




Similar Part No. - UPB1009K

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPB1009K CEL-UPB1009K Datasheet
2Mb / 28P
LOW POWER GPS RF RECEIVER BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPB1009K RENESAS-UPB1009K Datasheet
432Kb / 31P
BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
2004
UPB1009K-E1 RENESAS-UPB1009K-E1 Datasheet
432Kb / 31P
BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
2004
logo
California Eastern Labs
UPB1009K-E1-A CEL-UPB1009K-E1-A Datasheet
2Mb / 28P
LOW POWER GPS RF RECEIVER BIPOLAR ANALOG INTEGRATED CIRCUIT
More results


Similar Description - UPB1009K

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPB1008 NEC-UPB1008 Datasheet
281Kb / 9P
NECs LOW POWER GPS RF RECEIVER
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPB1008K CEL-UPB1008K Datasheet
440Kb / 10P
LOW POWER GPS RF RECEIVER
UPB1009K CEL-UPB1009K Datasheet
2Mb / 28P
LOW POWER GPS RF RECEIVER BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC8233TK CEL-UPC8233TK Datasheet
261Kb / 7P
BIPOLAR ANALOG INTEGRATED CIRCUIT SiGe:C LOW NOISE AMPLIFIER FOR GPS/MOBILE COMMUNICATIONS
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com