Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8198 Datasheet (PDF) - Wolfson Microelectronics plc

WM8198 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8198
Download  WM8198 Download
File Size   379.56 Kbytes
Page   31 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description (8 8 ) BIT OUTPUT 16 BIT CIS/CCD AFE/DIGITISER

WM8198 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8198 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8198
Download  WM8198 Click to download

File Size   379.56 Kbytes
Page   31 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description (8 8 ) BIT OUTPUT 16 BIT CIS/CCD AFE/DIGITISER

WM8198 Datasheet (HTML) - Wolfson Microelectronics plc


WM8198 Product details

DESCRIPTION
The WM8198 is a 16-bit analogue front end/digitiser IC which processes and digitises the analogue output signals from CCD sensors or Contact Image Sensors (CIS) at pixel sample rates of up to 6MSPS.

FEATURES
• 16-bit ADC
• 6MSPS conversion rate
• Low power – 212mW typical
• 5V single supply or 5V/3.3V dual supply operation
• Single or 3 channel operation
• Correlated double sampling
• Dual Range Programmable Gain Amplifier (9-bit resolution)
• Programmable offset adjust (8-bit resolution)
• Programmable clamp voltage
• 8 or 4-bit wide multiplexed data output formats
• Internally generated voltage references
• 28-pin SSOP package
• Serial control interface

APPLICATIONS
• Flatbed and sheetfeed scanners
• USB compatible scanners
• Multi-function peripherals
• High-performance CCD sensor interface




Similar Part No. - WM8198

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8190 WOLFSON-WM8190 Datasheet
438Kb / 25P
(86) Bit Output 14-bit CIS/CCD AFE/Digitiser
WM8191 WOLFSON-WM8191 Datasheet
355Kb / 27P
14-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
WM8192 WOLFSON-WM8192 Datasheet
619Kb / 24P
(88) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8195 WOLFSON-WM8195 Datasheet
334Kb / 31P
14-bit 12MSPS CIS/CCD Analogue Front End/Digitiser
WM8195 WOLFSON-WM8195 Datasheet
382Kb / 33P
14-bit 12MSPS CIS/CCD Analogue Front End/Digitiser
More results


Similar Description - WM8198

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8181 WOLFSON-WM8181 Datasheet
150Kb / 14P
12-bit 2MSPS Serial Output CIS/CCD Digitiser
WM8190 WOLFSON-WM8190 Datasheet
438Kb / 25P
(86) Bit Output 14-bit CIS/CCD AFE/Digitiser
WM8192 WOLFSON-WM8192 Datasheet
619Kb / 24P
(88) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8196 WOLFSON-WM8196 Datasheet
366Kb / 30P
(88)BIT OUTPUT 16-BIT CIS/CCD AFE/DIGITISER
WM8152 WOLFSON-WM8152 Datasheet
284Kb / 26P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8152 WOLFSON-WM8152_07 Datasheet
314Kb / 28P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8196 WOLFSON-WM8196_07 Datasheet
381Kb / 32P
(8 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8259 WOLFSON-WM8259 Datasheet
353Kb / 26P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
logo
Cirrus Logic
WM8196 CIRRUS-WM8196 Datasheet
475Kb / 32P
(8 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8253 CIRRUS-WM8253 Datasheet
278Kb / 27P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com