Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X1228 Datasheet (PDF) - Xicor Inc.

X1228 Datasheet PDF - Xicor Inc.
Part # X1228
Download  X1228 Download
File Size   569.4 Kbytes
Page   31 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Real Time Clock/Calendar/CPU Supervisor with EEPROM

X1228 Datasheet (PDF)

Go To PDF Page Download Datasheet
X1228 Datasheet PDF - Xicor Inc.

Part # X1228
Download  X1228 Click to download

File Size   569.4 Kbytes
Page   31 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Real Time Clock/Calendar/CPU Supervisor with EEPROM

X1228 Datasheet (HTML) - Xicor Inc.


X1228 Product details

FEATURES

• Real Time Clock/Calendar

   — Tracks time in Hours, Minutes, and Seconds

   — Day of the Week, Day, Month, and Year

• 2 Polled Alarms (Non-volatile)

   — Settable on the Second, Minute, Hour, Day of the Week, Day, or Month

   — Repeat Mode (periodic interrupts)

• Oscillator Compensation on chip

   — Internal feedback resistor and compensation capacitors

   — 64 position Digitally Controlled Trim Capacitor

   — 6 digital frequency adjustment settings to ±30ppm

• CPU Supervisor Functions

   — Power On Reset, Low Voltage Sense

   — Watchdog Timer (SW Selectable: 0.25s, 0.75s, 1.75s, off)

• Battery Switch or Super Cap Input

• 512 x 8 Bits of EEPROM

   — 64-Byte Page Write Mode

   — 8 modes of Block Lock™ Protection

   — Single Byte Write Capability

• High Reliability

   — Data Retention: 100 years

   — Endurance: 100,000 cycles per byte

• 2-Wire™ Interface interoperable with I2C*

   — 400kHz data transfer rate

• Frequency Output (SW Selectable: Off, 1Hz, 4096Hz, or 32.768kHz)

• Low Power CMOS

   — 1.25µA Operating Current (Typical)

• Small Package Options

   — 14-Lead SOIC and 14-Lead TSSOP



APPLICATIONS

• Utility Meters

• HVAC Equipment

• Audio / Video Components

• Set Top Box / Television

• Modems

• Network Routers, Hubs, Switches, Bridges

• Cellular Infrastructure Equipment

• Fixed Broadband Wireless Equipment

• Pagers / PDA

• POS Equipment

• Test Meters / Fixtures

• Office Automation (Copiers, Fax)

• Home Appliances

• Computer Products

• Other Industrial / Medical / Automotive



 




Similar Part No. - X1228

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
Real Time Clock/Calendar/CPU Supervisor with EEPROM
October 17, 2005
X1228 INTERSIL-X1228 Datasheet
421Kb / 29P
Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1228 RENESAS-X1228 Datasheet
1Mb / 29P
4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228S14 INTERSIL-X1228S14 Datasheet
430Kb / 29P
Real Time Clock/Calendar/CPU Supervisor with EEPROM
October 17, 2005
X1228S14 INTERSIL-X1228S14 Datasheet
421Kb / 29P
Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Similar Description - X1228

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1288 XICOR-X1288 Datasheet
560Kb / 31P
2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
March 29, 2005
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
Real Time Clock/Calendar/CPU Supervisor with EEPROM
October 17, 2005
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
Real Time Clock/Calendar with EEPROM
October 18, 2006
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com