Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZR12D Datasheet (PDF) - Zetex Semiconductors

ZR12D Datasheet PDF - Zetex Semiconductors
Part # ZR12D
Download  ZR12D Download
File Size   61.43 Kbytes
Page   4 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE

ZR12D Datasheet (PDF)

Go To PDF Page Download Datasheet
ZR12D Datasheet PDF - Zetex Semiconductors

Part # ZR12D
Download  ZR12D Click to download

File Size   61.43 Kbytes
Page   4 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE

ZR12D Datasheet (HTML) - Zetex Semiconductors


ZR12D Product details

DEVICE DESCRIPTION
The ZR12D uses a bandgap circuit design to achieve a precision micropower voltage reference of 1.25 volts. The device is available in a small outline SOT23 surface mount package, ideal for applications where space saving is important.
   
FEATURES
• Small outline SOT23 package
• No stabilising capacitor required
• Typical TC 30ppm/°C
• Typical slope resistance 0.65Ω
• ± 3% tolerance
• Industrial temperature range
• Operating current 50µA to 5mA
• Transient response, stable in less than
    10µs
• Alternative package options and
    tolerances are available
   
APPLICATIONS
• Battery powered and portable
    equipment.
• Metering and measurement systems.
• Instrumentation.
• Data acquisition systems.
• Precision power supplies.
• Test equipment.
   




Similar Part No. - ZR12D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR12D DIODES-ZR12D Datasheet
72Kb / 4P
PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
FEBRUARY 1998
More results


Similar Description - ZR12D

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRA125 ZETEX-ZRA125 Datasheet
169Kb / 5P
PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF12 ZETEX-ZREF12 Datasheet
71Kb / 4P
PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
ZR423 ZETEX-ZR423 Datasheet
61Kb / 4P
PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
logo
List of Unclassifed Man...
ZRA125 ETC1-ZRA125 Datasheet
205Kb / 5P
PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZR285-25 ZETEX-ZR285-25 Datasheet
82Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040-41 ZETEX-ZR4040-41 Datasheet
63Kb / 4P
PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
MARCH 1998
ZREF12 DIODES-ZREF12 Datasheet
81Kb / 4P
PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
MARCH 1998
ZR423 DIODES-ZR423 Datasheet
64Kb / 4P
PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
FEBRUARY 1998
ZR12D DIODES-ZR12D Datasheet
72Kb / 4P
PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
FEBRUARY 1998
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com