Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3680 Datasheet (PDF) - Advanced Analogic Technologies

AAT3680 Datasheet PDF - Advanced Analogic Technologies
Part # AAT3680
Download  AAT3680 Download
File Size   265.47 Kbytes
Page   18 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description Lithium-Ion Linear Battery Charge Controller

AAT3680 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3680 Datasheet PDF - Advanced Analogic Technologies

Part # AAT3680
Download  AAT3680 Click to download

File Size   265.47 Kbytes
Page   18 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description Lithium-Ion Linear Battery Charge Controller

AAT3680 Datasheet (HTML) - Advanced Analogic Technologies


AAT3680 Product details

General Description
The AAT3680 BatteryManager™ is a member of AnalogicTechs Total Power Management IC™ family. This device is an advanced Lithium-Ion (LiIon) battery charge and management IC, specifically designed for low cost compact portable applications.

Features
• 4.5V to 15V Input voltage range
• 1% Accurate Preset Voltages: 4.1V, 4.2V, 8.2V, 8.4V
• Low operation current, typically 0.5mA
• Programmable Charge Current
• Automatic recharge sequencing
• Battery temperature monitoring
• Deep discharge cell conditioning
• Fast trickle charge option with thermal over-ride
• Full battery charge auto turn off / sleep mode
• Over voltage, current and temperature protection
• Power on reset
• LED Charge Status Output or System Microcontroller serial interface
• Temperature range -20 to 70°C
• 8 pin MSOP, 12 pin TSOPJW package

Applications
• Cellular Phones
• Personal Digital Assistants (PDAs)
• Desktop Chargers
• USB Chargers




Similar Part No. - AAT3680

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3680 AAT-AAT3680 Datasheet
213Kb / 18P
Lithium-Ion/Polymer Linear Battery Charge Controller
2006.03.1.6
logo
Advanced Analogic Techn...
AAT3680 ANALOGICTECH-AAT3680 Datasheet
213Kb / 18P
Lithium-Ion/Polymer Linear Battery Charge Controller
logo
Advanced Analog Technol...
AAT3680IKS-4.2-T1 AAT-AAT3680IKS-4.2-T1 Datasheet
213Kb / 18P
Lithium-Ion/Polymer Linear Battery Charge Controller
2006.03.1.6
logo
Advanced Analogic Techn...
AAT3680IKS-4.2-T1 ANALOGICTECH-AAT3680IKS-4.2-T1 Datasheet
213Kb / 18P
Lithium-Ion/Polymer Linear Battery Charge Controller
logo
Advanced Analog Technol...
AAT3680ITP-4.2-T1 AAT-AAT3680ITP-4.2-T1 Datasheet
213Kb / 18P
Lithium-Ion/Polymer Linear Battery Charge Controller
2006.03.1.6
More results


Similar Description - AAT3680

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
Lithium-Ion Battery Charge Controller
LM3420-4.2 NSC-LM3420-4.2 Datasheet
384Kb / 17P
Lithium-Ion Battery Charge Controller
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4 Datasheet
169Kb / 12P
Lithium-Ion Linear Battery Charger Controller
logo
Advanced Analog Technol...
AAT3680 AAT-AAT3680 Datasheet
213Kb / 18P
Lithium-Ion/Polymer Linear Battery Charge Controller
2006.03.1.6
logo
Advanced Analogic Techn...
AAT3680 ANALOGICTECH-AAT3680_06 Datasheet
213Kb / 18P
Lithium-Ion/Polymer Linear Battery Charge Controller
logo
Linear Technology
LTC1732-4 LINER-LTC1732-4_00 Datasheet
151Kb / 8P
Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
Lithium-Ion Linear Battery Charger Controller
LTC1731-8.2 LINER-LTC1731-8.2_15 Datasheet
161Kb / 12P
Lithium-Ion Linear Battery Charger Controller
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com