Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM339CP Datasheet (PDF) - List of Unclassifed Manufacturers

CM339CP Datasheet PDF - List of Unclassifed Manufacturers
Part # CM339CP
Download  CM339CP Download
File Size   156.35 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LOW POWER QUAD VOLTAGE COMPARATORS

CM339CP Datasheet (PDF)

Go To PDF Page Download Datasheet
CM339CP Datasheet PDF - List of Unclassifed Manufacturers

Part # CM339CP
Download  CM339CP Click to download

File Size   156.35 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LOW POWER QUAD VOLTAGE COMPARATORS

CM339CP Datasheet (HTML) - List of Unclassifed Manufacturers


CM339CP Product details

GENERAL DESCRIPTION

This device consists of four independent precision voltage comparators with an offset voltage specification as low as 2mV max for CM339.   All these comparators were designed specifically to operate from a single power supply over a wide range of voltages. Operation from split power supplies is also possible. These Comparators also have a unique characteristic in that the input common mode voltage range includes ground even though operated from a single power supply voltage.



FEATURES

Wide single supply voltage range or dual supplies for all devices: +2V to +36V or ±1V to ±18V

Very low supply current(1.1mA)independent of supply voltage(1.4mW/comparator +5V)

Low input bias current: 25nA typ

Low input offset current: ±5nA typ

Low input offset voltage: ±1mV typ

Input common-mode voltage range includes ground

Low output saturation voltage : 250mV typ,(Io = 4mA)

Differential input voltage range equal to the supply voltage

TTL, DTL, ECL, MOS, CMOS compatible output




Similar Part No. - CM339CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM339CP ETC-CM339CP Datasheet
629Kb / 7P
LOW POWER QUAD VOLTAGE COMPARATORS
More results


Similar Description - CM339CP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901 Datasheet
540Kb / 12P
LOW POWER QUAD VOLTAGE COMPARATORS
Rev 2
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
629Kb / 7P
LOW POWER QUAD VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
Quad Low-Power Voltage Comparators
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
STMicroelectronics
LM339QT STMICROELECTRONICS-LM339QT Datasheet
549Kb / 19P
Low-power quad voltage comparators
13-Jul-2011
LM339DT STMICROELECTRONICS-LM339DT Datasheet
483Kb / 16P
Low-power quad voltage comparators
28-Apr-2009
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Rev 3
logo
New Japan Radio
NJM339C NJRC-NJM339C Datasheet
310Kb / 7P
Low power quad voltage comparators
ver.07
logo
STMicroelectronics
LM139 STMICROELECTRONICS-LM139_V01 Datasheet
776Kb / 19P
Low-power quad voltage comparators
18-Aug-2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com