Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2196 Datasheet (PDF) - Dallas Semiconductor

DS2196 Datasheet PDF - Dallas Semiconductor
Part # DS2196
Download  DS2196 Download
File Size   734.11 Kbytes
Page   157 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description T1 Dual Framer LIU

DS2196 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2196 Datasheet PDF - Dallas Semiconductor

Part # DS2196
Download  DS2196 Click to download

File Size   734.11 Kbytes
Page   157 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description T1 Dual Framer LIU

DS2196 Datasheet (HTML) - Dallas Semiconductor


DS2196 Product details

DESCRIPTION
The DS2196 T1 Dual Framer LIU is designed for T1 transmission equipment. The DS2196 combines dual optimized framers together with a line interface unit. This combination allows the DS2196 user to extract and insert Facility Data Link (FDL) messages in the receive and transmit paths, collect line performance data and perform basic channel conditioning and maintenance. The DS2196 contains all of the necessary functions for connection to T1 lines whether they are DS1 long haul or DSX–1 short haul.

FEATURES
● Two full featured framers and a short / long haul Line Interface Unit (LIU) in one small package
● Based on Dallas Semiconductor’s SingleChip Transceiver family
● Two HDLC Controllers with 64-byte buffers that can be used for the FDL or for DS0 channels
● Supports NPRMs and SPRMs as per ANSI T1.403-1998
● Can be combined with a short/long haul LIU or a HDSL Modem Chip Set to create a low cost Office Repeater / NIU / CSU, or a HDSL1 / HDSL2 terminal unit with enhanced monitoring and Data Link Control
● Supports fractional T1
● Can convert from D4 to ESF framing and ESF to D4 framing
● 32–bit or 128–bit crystal–less jitter attenuator
● Can generate and detect repeating in-band patterns from 1 to 8 bits or 16 bits in length
● Detects and generates RAI-CI and AIS-CI
● Generates DS1 idle codes
● On-chip programmable BERT generator and detector
● All key signals are routed to pins to support numerous hardware configurations
● Supports both NRZ and bipolar interfaces
● Can create errors in the F-bit position and BERT interface data paths
● 8–bit parallel control port that can be used directly on either multiplexed or nonmultiplexed buses (Intel or Motorola)
● IEEE 1149.1 JTAG Boundary Scan
● 3.3V supply with 5V tolerant inputs & outputs
● 100-Pin LQFP (14 mm x 14 mm) Package




Similar Part No. - DS2196

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DS2196 PULSE-DS2196 Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Maxim Integrated Produc...
DS2196 MAXIM-DS2196 Datasheet
739Kb / 157P
T1 Dual Framer LIU
093002
More results


Similar Description - DS2196

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86L30 EXAR-XRT86L30 Datasheet
3Mb / 284P
SINGLE T1/E1/J1 FRAMER/LIU COMBO
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86L30 EXAR-XRT86L30_07 Datasheet
5Mb / 279P
SINGLE T1/E1/J1 FRAMER/LIU COMBO
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_1 Datasheet
1Mb / 65P
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_2 Datasheet
2Mb / 155P
DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86L30 EXAR-XRT86L30_08 Datasheet
1Mb / 284P
SINGLE T1/E1/J1 FRAMER/LIU COMBO
XRT86SH328 EXAR-XRT86SH328_3 Datasheet
521Kb / 119P
VOYAGER - T1 FRAMER LIU REGISTER DESCRIPTION
XRT86VL32_0709 EXAR-XRT86VL32_0709 Datasheet
372Kb / 65P
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
logo
Maxim Integrated Produc...
DS2196 MAXIM-DS2196 Datasheet
739Kb / 157P
T1 Dual Framer LIU
093002
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com