Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K6F8016U6 Datasheet (PDF) - Samsung semiconductor

K6F8016U6 Datasheet PDF - Samsung semiconductor
Part # K6F8016U6
Download  K6F8016U6 Download
File Size   157.37 Kbytes
Page   9 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM

K6F8016U6 Datasheet (PDF)

Go To PDF Page Download Datasheet
K6F8016U6 Datasheet PDF - Samsung semiconductor

Part # K6F8016U6
Download  K6F8016U6 Click to download

File Size   157.37 Kbytes
Page   9 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM

K6F8016U6 Datasheet (HTML) - Samsung semiconductor


K6F8016U6 Product details

GENERAL DESCRIPTION
The K6F8016U6B families are fabricated by SAMSUNG¢s advanced full CMOS process technology. The families support industrial operating temperature ranges and have chip scale package for user flexibility of system design. The families also support low data retention voltage for battery back-up operation with low data retention current.

FEATURES
• Process Technology: Full CMOS
• Organization: 512K x16
• Power Supply Voltage: 2.7~3.3V
• Low Data Retention Voltage: 1.5V(Min)
• Three State Outputs
• Package Type: 48-TBGA-6.00x7.00




Similar Part No. - K6F8016U6

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F8016U6D SAMSUNG-K6F8016U6D Datasheet
154Kb / 9P
512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016U6D-FF55 SAMSUNG-K6F8016U6D-FF55 Datasheet
154Kb / 9P
512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016U6D-FF70 SAMSUNG-K6F8016U6D-FF70 Datasheet
154Kb / 9P
512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016U6D-XF55 SAMSUNG-K6F8016U6D-XF55 Datasheet
154Kb / 9P
512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016U6D-XF70 SAMSUNG-K6F8016U6D-XF70 Datasheet
154Kb / 9P
512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Similar Description - K6F8016U6

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_K6F8016U6C SAMSUNG-DS_K6F8016U6C Datasheet
173Kb / 9P
512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6B SAMSUNG-K6F8016R6B Datasheet
157Kb / 9P
512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016T6C SAMSUNG-K6F8016T6C Datasheet
173Kb / 9P
512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6D SAMSUNG-K6F8016R6D Datasheet
154Kb / 9P
512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016V3A SAMSUNG-K6F8016V3A Datasheet
146Kb / 9P
512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016U6D SAMSUNG-K6F8016U6D Datasheet
154Kb / 9P
512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM681FV16AU ETC2-EM681FV16AU Datasheet
153Kb / 11P
512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM681FV16AU EMLSI-EM681FV16AU Datasheet
153Kb / 11P
512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM681FU16 EMLSI-EM681FU16 Datasheet
73Kb / 11P
512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM680FU16 EMLSI-EM680FU16 Datasheet
76Kb / 11P
512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com