Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMM5221 Datasheet (PDF) - Jinan Jing Heng Electronics Co., Ltd.

ZMM5221 Datasheet PDF - Jinan Jing Heng Electronics Co., Ltd.
Part # ZMM5221
Download  ZMM5221 Download
File Size   79.12 Kbytes
Page   3 Pages
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.
Description 0.5W SILICON PLANAR ZENER DIODES

ZMM5221 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZMM5221 Datasheet PDF - Jinan Jing Heng Electronics Co., Ltd.

Part # ZMM5221
Download  ZMM5221 Click to download

File Size   79.12 Kbytes
Page   3 Pages
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.
Description 0.5W SILICON PLANAR ZENER DIODES

ZMM5221 Datasheet (HTML) - Jinan Jing Heng Electronics Co., Ltd.


ZMM5221 Product details

FEATURES
• Standard Zener voltage tolerance is     20%.Add suffix "A" for   10%
   tolerance ,suffix "B" for   5% tolerance and suffix "C" for   2% tolerance
   Other tolerance, non standard and higher zener voltages are upon 
   request
   High temperature soldering guaranteed:260℃/10 seconds at terminals
   Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC

MECHANICAL DATA
• Case: MiniMELF(SOD-80) glass case
• Weight: Approx. 0.05 gram




Similar Part No. - ZMM5221

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
ZMM5221 DAESAN-ZMM5221 Datasheet
414Kb / 3P
0.5W SILICON PLANAR ZENER DIODES
logo
Daya Electric Group Co....
ZMM5221 DAYA-ZMM5221 Datasheet
366Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Gaomi Xinghe Electronic...
ZMM5221 GXELECTRONICS-ZMM5221 Datasheet
456Kb / 3P
0.5W SILICON PLANAR ZENER DIODES
logo
First Components Intern...
ZMM5221 FCI-ZMM5221 Datasheet
248Kb / 2P
500 mWatts Glass Pack Surface Mount Zener Diode WIDE VOLTAGE RANGE
logo
Nanjing International G...
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
Silicon Planar Zener Diodes
More results


Similar Description - ZMM5221

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N5221THRU1N5281 CHENYI-1N5221THRU1N5281 Datasheet
66Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
1N957THRU1N978 CHENYI-1N957THRU1N978 Datasheet
46Kb / 2P
0.5W SILICON PLANAR ZENER DIODES
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
0.5W SILICON PLANAR ZENER DIODES
1N5221 JINANJINGHENG-1N5221 Datasheet
383Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
0.5W SILICON PLANAR ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com