Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8123 Datasheet (PDF) - Motorola, Inc

56F8123 Datasheet PDF - Motorola, Inc
Part # 56F8123
Download  56F8123 Download
File Size   1981.7 Kbytes
Page   140 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 16-bit Hybrid Controllers

56F8123 Datasheet (PDF)

Go To PDF Page Download Datasheet
56F8123 Datasheet PDF - Motorola, Inc

Part # 56F8123
Download  56F8123 Click to download

File Size   1981.7 Kbytes
Page   140 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 16-bit Hybrid Controllers

56F8123 Datasheet (HTML) - Motorola, Inc


56F8123 Product details

Device Description
The 56F8323 and 56F8123 are members of the 56800E core-based family of hybrid controllers. Each combines, on a single chip, the processing power of a Digital Signal Processor (DSP) and the functionality of a microcontroller with a flexible set of peripherals to create an extremely cost-effective solution. Because of their low cost, configuration flexibility, and compact program code, the 56F8323 and 56F8123 are well-suited for many applications. The devices include many peripherals that are especially useful for automotive control (56F8323 only); industrial control and networking; motion control; home appliances; general purpose inverters; smart sensors; fire and security systems; power management; and medical monitoring applications.

56F8323/56F8123 Features
Hybrid Controller Core
• Efficient 16-bit 56800E family engine with dual Harvard architecture
• Up to 60 Million Instructions Per Second (MIPS) at 60MHz core frequency
• Single-cycle 16 × 16-bit parallel Multiplier-Accumulator (MAC)
• Four 36-bit accumulators, including extension bits
• Arithmetic and logic multi-bit shifter
• Parallel instruction set with unique addressing modes
• Hardware DO and REP loops
• Three internal address buses
• Four internal data buses
• Instruction set supports both DSP and controller functions
• Controller-style addressing modes and instructions for compact code
• Efficient C compiler and local variable support
• Software subroutine and interrupt stack with depth limited only by memory
• JTAG/EOnCE debug programming interface




Similar Part No. - 56F8123

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8123 FREESCALE-56F8123 Datasheet
741Kb / 140P
16-bit Digital Signal Controllers
More results


Similar Description - 56F8123

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC56F8322 MOTOROLA-MC56F8322 Datasheet
1Mb / 136P
16-bit Hybrid Controllers
logo
List of Unclassifed Man...
56F8357 ETC-56F8357 Datasheet
2Mb / 172P
16-BIT HYBRID CONTROLLERS
logo
Freescale Semiconductor...
56F8355 FREESCALE-56F8355 Datasheet
2Mb / 164P
16-bit Hybrid Controllers
56F8347 FREESCALE-56F8347 Datasheet
1Mb / 176P
16-BIT HYBRID CONTROLLERS
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
16-bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
16-bit Digital Signal Controllers
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com