Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14938 Datasheet (PDF) - Maxim Integrated Products

MAX14938 Datasheet PDF - Maxim Integrated Products
Part # MAX14938
Download  MAX14938 Download
File Size   1067.92 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.75kVRMS Isolated 20Mbps Half-Duplex PROFIBUS

MAX14938 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX14938 Datasheet PDF - Maxim Integrated Products

Part # MAX14938
Download  MAX14938 Click to download

File Size   1067.92 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.75kVRMS Isolated 20Mbps Half-Duplex PROFIBUS

MAX14938 Datasheet (HTML) - Maxim Integrated Products




Similar Part No. - MAX14938

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14938 MAXIM-MAX14938 Datasheet
2Mb / 9P
Operates From a Single 3.3V Supply
Rev 1; 7/16
More results


Similar Description - MAX14938

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483BRWZ AD-ADM2483BRWZ Datasheet
244Kb / 20P
Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
244Kb / 20P
Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
logo
Maxim Integrated Produc...
MAX14852 MAXIM-MAX14852 Datasheet
807Kb / 22P
2.75kVRMS Isolated 500kbps/25Mbps Full-Duplex
Rev 0; 11/15
MAX14941 MAXIM-MAX14941 Datasheet
931Kb / 21P
5kV Isolated 20Mbps Half-Duplex PROFIBUS
Rev 0; 11/15
MAX14945 MAXIM-MAX14945 Datasheet
926Kb / 21P
2.75kVRMS Isolated 500kbps Half-Duplex RS-485
Rev 0; 11/15
MAX14948 MAXIM-MAX14948 Datasheet
906Kb / 21P
5kVRMS Isolated 500kbps Half-Duplex RS-485
Rev 0; 11/15
MAX33046E MAXIM-MAX33046E Datasheet
390Kb / 16P
20Mbps, Half-Duplex RS-485/RS-422 Transceivers with 짹40kV ESD Protection
2021
logo
Analog Devices
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com