Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC34710EW Datasheet (PDF) - Motorola, Inc

PC34710EW Datasheet PDF - Motorola, Inc
Part # PC34710EW
Download  PC34710EW Download
File Size   518.54 Kbytes
Page   16 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Adjustable Dual Output Switching Power Supply

PC34710EW Datasheet (PDF)

Go To PDF Page Download Datasheet
PC34710EW Datasheet PDF - Motorola, Inc

Part # PC34710EW
Download  PC34710EW Click to download

File Size   518.54 Kbytes
Page   16 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Adjustable Dual Output Switching Power Supply

PC34710EW Datasheet (HTML) - Motorola, Inc


PC34710EW Product details

Adjustable Dual Output Switching Power Supply

The 34710 is a dual-output power regulator IC that integrates a switching regulator, a linear regulator, supervisor circuitry, and a power supply sequencer. With a wide operating input voltage range of 12 V to 32 V and robust temperature limits, the 34710 is applicable in many commercial and industrial applications that use an MCU.

Features
• High-Current Adjustable 5.0 V/3.3 V Switching Regulator
• Low Noise User-Selectable 3.3 V/2.5 V/1.8 V/1.5 V Linear Regulator
• On-Chip Thermal Shutdown and Error Reset Circuitry
• Supervisory Functions (Power-ON Reset and Error Reset Circuitry)
• Sequenced I/O and Core Voltages
• Pb-Free Packaging Designated by Suffix Code EW




Similar Part No. - PC34710EW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PC34709VK FREESCALE-PC34709VK Datasheet
4Mb / 142P
Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PC34709VKR2 FREESCALE-PC34709VKR2 Datasheet
4Mb / 142P
Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
More results


Similar Description - PC34710EW

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AD-120 ASTRODYNE-AD-120 Datasheet
1Mb / 6P
120W Dual Output Switching Power Supply
RD-35 ASTRODYNE-RD-35 Datasheet
450Kb / 2P
35W Dual Output Switching Power Supply
logo
CUI INC
VSBU-120-D CUI-VSBU-120-D Datasheet
212Kb / 3P
Dual Output Switching Power Supply
VD-120A CUI-VD-120A Datasheet
132Kb / 2P
dual output switching power supply
VD-120B CUI-VD-120B Datasheet
114Kb / 2P
Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
D-120 MEANWELL-D-120 Datasheet
453Kb / 2P
120W Dual Output Switching Power Supply
NED-50 MEANWELL-NED-50 Datasheet
422Kb / 2P
50W Dual Output Switching Power Supply
PD-45 MEANWELL-PD-45 Datasheet
338Kb / 2P
45W Dual Output Switching Power Supply
RD-35 MEANWELL-RD-35 Datasheet
373Kb / 2P
35W Dual Output Switching Power Supply
RID-65 MEANWELL-RID-65 Datasheet
429Kb / 2P
65W Dual Output Switching Power Supply
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com