Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACZRA4749-HF Datasheet (PDF) - Comchip Technology

ACZRA4749-HF Datasheet PDF - Comchip Technology
Part # ACZRA4749-HF
Download  ACZRA4749-HF Download
File Size   374.95 Kbytes
Page   6 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description RoHS Device

ACZRA4749-HF Datasheet (PDF)

Go To PDF Page Download Datasheet
ACZRA4749-HF Datasheet PDF - Comchip Technology

Part # ACZRA4749-HF
Download  ACZRA4749-HF Click to download

File Size   374.95 Kbytes
Page   6 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description RoHS Device

ACZRA4749-HF Datasheet (HTML) - Comchip Technology




Similar Part No. - ACZRA4749-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRA4742-HF COMCHIP-ACZRA4742-HF Datasheet
374Kb / 6P
SMD Zener Diode
More results


Similar Description - ACZRA4749-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV15C5V0-171 COMCHIP-TV15C5V0-171 Datasheet
2Mb / 4P
Working Peak Reverse Voltage : 5.0 - 170 Volts , Power Dissipation : 1500 Watts , RoHS Device
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
logo
Kersemi Electronic Co.,...
MBRF10100CT-G KERSEMI-MBRF10100CT-G Datasheet
1Mb / 3P
Voltage: 30 to 100 V Current: 10.0 A RoHS Device
logo
Lite-On Technology Corp...
LTST-C19GD2WT LITEON-LTST-C19GD2WT_14 Datasheet
606Kb / 11P
ROHS
logo
Comchip Technology
BC846A-G COMCHIP-BC846A-G Datasheet
156Kb / 5P
RoHS Device
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Comchip Technology
ACZRA4750-HF COMCHIP-ACZRA4750-HF Datasheet
374Kb / 6P
RoHS Device
logo
Infineon Technologies A...
ESD120-B1-W0201 INFINEON-ESD120-B1-W0201 Datasheet
2Mb / 14P
Protection device Bi-directional, 2.1 V, 0.28 pF, 0201, RoHS and halogen free compliant
v1.0 2019-06-24
logo
Microsemi Corporation
MPS4101-012S MICROSEMI-MPS4101-012S Datasheet
881Kb / 6P
CONTROL DEVICE MONOLITHIC SPST PIN RoHS Compliant
1 / 31 December 2014
logo
EHAOAN.
304PT-6B EHAOAN-304PT-6B Datasheet
1Mb / 7P
Meet RoHS/Meet RoHS, Green Product
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com