Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP7010 Datasheet (PDF) - COSMO Electronics Corporation

KP7010 Datasheet PDF - COSMO  Electronics Corporation
Part # KP7010
Download  KP7010 Download
File Size   231.43 Kbytes
Page   2 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description High Reliability Digital Output IC Photo IC Photo Coupler

KP7010 Datasheet (PDF)

Go To PDF Page Download Datasheet
KP7010 Datasheet PDF - COSMO  Electronics Corporation

Part # KP7010
Download  KP7010 Click to download

File Size   231.43 Kbytes
Page   2 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description High Reliability Digital Output IC Photo IC Photo Coupler

KP7010 Datasheet (HTML) - COSMO Electronics Corporation


KP7010 Product details

KP SERIES

• A DIVERSE RANGE OF OPTOCOUPLERS, OFFERING 5,000V RMS ISOLATION
• MINIMUM 60% CURRENT TRANSFER RATIO, 600% FOR DARLINGTON OUTPUT
• PARTS SELECTED ACCORDING TO CURRENT TRANSFER RATIO
• FROM 4 TO 16 PIN SMD PACKAGE WITH 2.54mm PITCH
• KP1000: 1 TO 4 CHANNELS, DC INPUT, OPEN COLLECTOR OUTPUT
• KP2000: 1 CHANNEL, DC INPUT, BASE CONNECTION TO OPEN COLLECTOR OUTPUT
• KP3000: 1 TO 4 CHANNELS, AC INPUT, OPEN COLLECTOR OUTPUT
• KP4000: 1 TO 4 CHANNELS, DC INPUT, OPEN COLLECTOR DARLINGTON OUTPUT
• KP5000: 1 CHANNEL, DC INPUT, BASE CONNECTION TO OPEN COLLECTOR DARLINGTON OUTPUT
• KP6000: 1 CHANNEL, AC INPUT, BASE CONNECTION TO OPEN COLLECTOR OUTPUT
• KP7000: 1 CHANNEL, DC INPUT, AMPLIFIED OUTPUT WITH HYSTERESIS, BUILT IN PULL-UP RESISTOR GIVING TTL AND LS TTL COMPATIBLE OUTPUT
• FUNCTIONALLY EQUIVALENT TO INDUSTRY STANDARD PARTS FROM MOTOROLA, TOSHIBA, GE, SIEMENS, TELEFUNKEN, TEXAS INSTRUMENTS AND NEC




Similar Part No. - KP7010

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KP700A LUGUANG-KP700A Datasheet
3Mb / 4P
Phase control thyristor
More results


Similar Description - KP7010

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT22000 MARKTECH-MT22000 Datasheet
156Kb / 5P
PHOTO IC COUPLER
MT25300 MARKTECH-MT25300 Datasheet
211Kb / 7P
PHOTO IC COUPLER
MT26010 MARKTECH-MT26010 Datasheet
186Kb / 5P
PHOTO IC COUPLER?
MT26300 MARKTECH-MT26300 Datasheet
243Kb / 9P
PHOTO IC COUPLER?
MT6500 MARKTECH-MT6500 Datasheet
193Kb / 7P
PHOTO IC COUPLER
logo
COSMO Electronics Corp...
KP1020 COSMO-KP1020 Datasheet
327Kb / 2P
High Reliability Photo Coupler
KP6010 COSMO-KP6010 Datasheet
328Kb / 2P
High Reliability Photo Coupler
K1010 COSMO-K1010 Datasheet
263Kb / 2P
High Reliability Photo Coupler
KP7110 COSMO-KP7110 Datasheet
230Kb / 2P
High Reliability Digital Output IC Photo IC Photo Coupler
logo
Clairex Technologies, I...
CLL CLAIREX-CLL Datasheet
198Kb / 4P
Photo-IC Sensors Digital Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com