Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

854443--1 Datasheet (PDF) - Tyco Electronics

854443--1 Datasheet PDF - Tyco Electronics
Part # 854443--1
Download  854443--1 Download
File Size   143.41 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Ribbon Cable Notcher

854443--1 Datasheet (PDF)

Go To PDF Page Download Datasheet
854443--1 Datasheet PDF - Tyco Electronics

Part # 854443--1
Download  854443--1 Click to download

File Size   143.41 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Ribbon Cable Notcher

854443--1 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 854443--1

ManufacturerPart #DatasheetDescription
logo
TUK Ltd
8544411000 TUK-8544411000 Datasheet
1Mb / 3P
Category 6A 5 Direction Field Termination Plug
15/11/2018
logo
PHOENIX CONTACT
85444290 PHOENIX-85444290 Datasheet
81Kb / 5P
Sensor/Actuator cable - SAC-4P- 2,0-542/M8 FS BK
12.07.2013
logo
TUK Ltd
85444290 TUK-85444290 Datasheet
4Mb / 5P
LOKJAC Category 6 Locking Inline Coupler, STP and UTP
25/06/2019
logo
Pro-Signal
85444290 PROSIGNAL-85444290 Datasheet
42Kb / 1P
HDMI ADAPTER A/A FEMALE TO FEMALE
01/28/2010
logo
HARTING Technology Grou...
85444290 HARTING-85444290 Datasheet
505Kb / 2P
Han S 200 CA-c-b/r 35mm² 0,5m
2022-02-23
More results


Similar Description - 854443--1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF4-16D-3.18R HIROSE-HIF4-16D-3.18R Datasheet
728Kb / 7P
Ribbon Cable Connector
logo
Tyco Electronics
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
Ribbon Cable Interconnect
logo
Assmann Electronics Inc...
AWG28-20-G-1-300 ASSMANN-AWG28-20-G-1-300 Datasheet
566Kb / 1P
GREY RIBBON CABLE
AWG28-20-G-300 ASSMANN-AWG28-20-G-300 Datasheet
48Kb / 1P
Flat Ribbon Cable
AWG28-25-G-1-300-R ASSMANN-AWG28-25-G-1-300-R Datasheet
1Mb / 1P
GREY RIBBON CABLE
AWG28-26-G-1-300 ASSMANN-AWG28-26-G-1-300 Datasheet
575Kb / 1P
GREY RIBBON CABLE
AWG28-40-G-1-300 ASSMANN-AWG28-40-G-1-300 Datasheet
881Kb / 1P
GREY RIBBON CABLE
AWG28-44-G-1-300-R ASSMANN-AWG28-44-G-1-300-R Datasheet
582Kb / 1P
GREY RIBBON CABLE
AWG28-50-G-1-300-R ASSMANN-AWG28-50-G-1-300-R Datasheet
562Kb / 1P
GREY RIBBON CABLE
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com