Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L408 Datasheet (PDF) - IXYS Corporation

L408 Datasheet PDF - IXYS Corporation
Part # L408
Download  L408 Download
File Size   48.8 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description HiPerFREDTM Epitaxial Diode with soft recovery

L408 Datasheet (PDF)

Go To PDF Page Download Datasheet
L408 Datasheet PDF - IXYS Corporation

Part # L408
Download  L408 Click to download

File Size   48.8 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description HiPerFREDTM Epitaxial Diode with soft recovery

L408 Datasheet (HTML) - IXYS Corporation


L408 Product details

Features
• International standard package
• Planar passivated chips
• Very short recovery time
• Extremely low switching losses
• Low IRM-values
• Soft recovery behaviour
• Epoxy meets UL 94V-0

Applications
• Antiparallel diode for high frequency switching devices
• Antisaturation diode
• Snubber diode
• Free wheeling diode in converters and motor control circuits
• Rectifiers in switch mode power supplies (SMPS)
• Inductive heating
• Uninterruptible power supplies (UPS)
• Ultrasonic cleaners and welders

Advantages
• Avalanche voltage rated for reliable operation
• Soft reverse recovery for low EMI/RFI
• Low IRM reduces:
    - Power dissipation within the diode
    - Turn-on loss in the commutating switch




Similar Part No. - L408

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
L4004D3 TECCOR-L4004D3 Datasheet
168Kb / 8P
Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L4004D3 LITTELFUSE-L4004D3 Datasheet
170Kb / 8P
Sensitive Triacs (0.8 A to 8 A)
L4004D3 LITTELFUSE-L4004D3 Datasheet
905Kb / 10P
Teccor짰 brand Thyristors 4 Amp Sensitive & Standard Triacs
logo
Teccor Electronics
L4004D3 TECCOR-L4004D3 Datasheet
178Kb / 8P
Electrically-isolated packages
logo
Littelfuse
L4004D3 LITTELFUSE-L4004D3 Datasheet
176Kb / 8P
Sensitive Triacs
More results


Similar Description - L408

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSEP6-06AS IXYS-DSEP6-06AS Datasheet
48Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP29-06A IXYS-DSEP29-06A Datasheet
50Kb / 3P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP60-06A IXYS-DSEP60-06A Datasheet
41Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP60-03A IXYS-DSEP60-03A Datasheet
32Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP IXYS-DSEP Datasheet
37Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP30-04A IXYS-DSEP30-04A Datasheet
35Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEC240-06A IXYS-DSEC240-06A Datasheet
411Kb / 1P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP2X60-12A IXYS-DSEP2X60-12A Datasheet
33Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP29-03A IXYS-DSEP29-03A Datasheet
42Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP30-12A IXYS-DSEP30-12A Datasheet
40Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com