Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2800 Datasheet (PDF) - Unisonic Technologies

L2800 Datasheet PDF - Unisonic Technologies
Part # L2800
Download  L2800 Download
File Size   136.82 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)

L2800 Datasheet (PDF)

Go To PDF Page Download Datasheet
L2800 Datasheet PDF - Unisonic Technologies

Part # L2800
Download  L2800 Click to download

File Size   136.82 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)

L2800 Datasheet (HTML) - Unisonic Technologies


L2800 Product details

DESCRIPTION
The UTC L2800 which is incorporating a soft start function and short circuit detection function is a single-channel switching regulator control IC and is made for low voltage applications. Because the device has a low minimum operating voltage of 1.8V, so it is ideal for the power supply of battery-operated electronic equipment.

FEATURES
* Wide supply voltage operating range: 1.8V~15V
* Low current consumption: Typically 5.5mA in operation,1μA or less in stand-by
* High speed operation is possible: Maximum 1MHz
* The error amplifier gain is set inside the IC, so peripheral components are minimized.
* Incorporates a soft start circuit.
* Incorporates a timer-latch type short circuit detection circuit (SCP).
* Totem-pole type output with adjustable on/off current (for NPN transistors)
* Incorporates a stand-by function.




Similar Part No. - L2800

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L2800 UTC-L2800 Datasheet
252Kb / 7P
SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
E-Tech Electronics LTD
L2800 ETL-L2800 Datasheet
269Kb / 7P
SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
Unisonic Technologies
L2800G-P08-R UTC-L2800G-P08-R Datasheet
252Kb / 7P
SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
L2800G-P08-R UTC-L2800G-P08-R Datasheet
269Kb / 7P
SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
L2800G-P08-R UTC-L2800G-P08-R Datasheet
269Kb / 7P
LINEAR INTEGRATED CIRCUIT
More results


Similar Description - L2800

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
SWITCHING REGULATOR CONTROLLER
MB3800 FUJITSU-MB3800 Datasheet
151Kb / 18P
Switching Regulator Controller (Low Voltage)
logo
List of Unclassifed Man...
B3800M ETC1-B3800M Datasheet
410Kb / 10P
Switching Regulator Controller Step Up Low Voltage (BIPOLAR)
PJ3800 ETC1-PJ3800 Datasheet
333Kb / 8P
Low Voltage Switching Regulator Controller
logo
fujitsu semiconductor
MB3800 FUJITSU-MB3800_06 Datasheet
287Kb / 20P
Switching Regulator Controller (Low Voltage)
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
Switching Regulator Controller
logo
Unisonic Technologies
L2800 UTC-L2800_11 Datasheet
252Kb / 7P
SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
L2800 UTC-L2800_13 Datasheet
269Kb / 7P
SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
E-Tech Electronics LTD
L2800 ETL-L2800 Datasheet
269Kb / 7P
SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
SWITCHING REGULATOR CONTROLLER
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com