Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-M49T Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-M49T Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-M49T
Download  ACPL-M49T Download
File Size   135.01 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Low Leakage Phototransistor

ACPL-M49T Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-M49T Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M49T
Download  ACPL-M49T Click to download

File Size   135.01 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Low Leakage Phototransistor

ACPL-M49T Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPL-M49T Product details

Description
The ACPL-M49T is a single channel, high temperature, high CMR, 20kBd digital optocoupler, configurable as a low power, low leakage phototransistor, specifically for use in the automotive applications. The SO-5 JEDEC registered (MO-155) package outline is surface mountable.

Features
• High Temperature and Reliable low speed digital interface for Automotive Application.
• 30 kV/μs High Common-Mode Rejection at VCM = 1500 V (typ)
• Low Power, Low Leakage Phototransistor in a 4-Pin Configuration"
• Compact, Auto-Insertable SO5 Packages
• Wide Temperature Range: -40°C ~ 125°C
• Low LED Drive Current: 4mA (typ)
• Propagation Delay: 20s (max)
• Worldwide Safety Approval:
    – UL 1577, 4000 VRMS /1 min.
    – CSA File CA88324, Notice #5
    – IEC/EN/DIN EN 60747-5-2
• Qualified to Automotive AEC-Q100 Grade 1 Stress Test Guidelines

Applications
• Automotive Low Speed Digital Signal isolation Interface
• Inverter fault feedback signal isolation
• Switching Power Supplies feedback circuit




Similar Part No. - ACPL-M49T

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-M49T BOARDCOM-ACPL-M49T Datasheet
533Kb / 12P
Qualified to Automotive AEC-Q100 Test Guidelines
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M49T-000E AVAGO-ACPL-M49T-000E Datasheet
168Kb / 11P
Wide Operating Temperature Automotive R2CouplerTM 20kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
logo
Broadcom Corporation.
ACPL-M49T-000E BOARDCOM-ACPL-M49T-000E Datasheet
533Kb / 12P
Wide Operating Temperature Automotive R2Coupler??20-kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M49T-500E AVAGO-ACPL-M49T-500E Datasheet
168Kb / 11P
Wide Operating Temperature Automotive R2CouplerTM 20kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
More results


Similar Description - ACPL-M49T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS416 PHILIPS-BAS416 Datasheet
63Kb / 8P
Low-leakage diode
2004 Jan 26
BA545AL PHILIPS-BA545AL Datasheet
54Kb / 8P
Low-leakage diode
1999 May 28
logo
Central Semiconductor C...
CPD64 CENTRAL-CPD64 Datasheet
209Kb / 2P
Low Leakage Diode Low Leakage Diode Chip
CPD71 CENTRAL-CPD71 Datasheet
213Kb / 2P
Low Leakage Diode Low Leakage Switching Diode Chip
CPD66X CENTRAL-CPD66X Datasheet
728Kb / 2P
Low Leakage Diode Low Leakage Diode Chip
logo
NXP Semiconductors
BAS416 NXP-BAS416_13 Datasheet
121Kb / 8P
Low-leakage diode
2004 Jan 26
logo
Naina Semiconductor ltd...
NP2502R NAINA-NP2502R Datasheet
135Kb / 2P
Low Leakage
logo
Shanghai Semitech Semic...
ESD5B SEMITECH-ESD5B Datasheet
86Kb / 3P
Low Leakage
SD03 SEMITECH-SD03 Datasheet
164Kb / 4P
Low Leakage
logo
Broadcom Corporation.
ACFL-5212T-000E BOARDCOM-ACFL-5212T-000E Datasheet
343Kb / 12P
Automotive R2CouplerTM Wide Operating Temperature 20kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com