Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE1619 Datasheet (PDF) - NXP Semiconductors

NE1619 Datasheet PDF - NXP Semiconductors
Part # NE1619
Download  NE1619 Download
File Size   167.42 Kbytes
Page   2 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Temperature and voltage monitor

NE1619 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE1619 Datasheet PDF - NXP Semiconductors

Part # NE1619
Download  NE1619 Click to download

File Size   167.42 Kbytes
Page   2 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Temperature and voltage monitor

NE1619 Datasheet (HTML) - NXP Semiconductors


NE1619 Product details

GENERAL DESCRIPTION

The NE1619 is designed for monitoring the temperatures and supply voltages of microprocessor-based systems by measuring those parameters and comparing the readings with programmable limits. The device provides five possible analog inputs, a remote temperature sensor input and on-board local temperature sensor. The device also monitors its own power supply and provides digital inputs for the Pentium/PRO power supply ID code.



FEATURES

• Monitor local and remote temperatures

• Temperature accuracy of ±2 °C for local, and ±3 °C for remote channel

• Temperature resolution of 1 °C

• 2.8 V to 5.5 V supply range

• Monitor different power supplies: 12 V, 5 V, 3.3 V, 2.5 V, VCCP, VDD

• VIN accuracy of ±2% of full scale

• Differential non-linearity of ±1LSB

• No calibration required

• Programmable temperature and voltage limits for alarms

• Programmable Reset low state pulse output

• SMBus 2-wire serial interface

• Small 16-lead SSOP (QSOP) package

• Compatible with Intel “Heceta 4” specification and reference designs utilizing it

• ESD protection exceeds 2000 V HBM per JESD22-A114, 250 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101

• Latch-up testing is done to JESDEC Standard JESD78 which exceeds 100 mA



APPLICATIONS

• System thermal and hardware monitor

• Desktop computers

• Notebook computers

• Industrial controllers

• Telecom equipment



 




Similar Part No. - NE1619

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE1619 NXP-NE1619 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
NE1619 PHILIPS-NE1619 Datasheet
258Kb / 2P
Precise thermal monitoring with small, accurate temp sensors
August 2008
More results


Similar Description - NE1619

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7485A AD-ADT7485A Datasheet
404Kb / 16P
SST Digital Temperature Sensor and Voltage Monitor
7/06-Revision 0
ADT7488A AD-ADT7488A Datasheet
470Kb / 16P
SST Digital Temperature Sensor and Voltage Monitor
9/06-Revision 0
logo
ON Semiconductor
ADT7488A ONSEMI-ADT7488A Datasheet
344Kb / 12P
SST Digital Temperature Sensor and Voltage Monitor
December, 2009 ??Rev. 4
logo
Linear Technology
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
LTC2990 I2C Temperature Voltage and Current Monitor
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
I2C Temperature, Voltage and Current Monitor
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
TEMPERATURE, VOLTAGE AND CURRENT MONITOR
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
Temperature Sensor and Dual Voltage Monitor
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
Quad I2C Voltage, Current and Temperature Monitor
LTC2991 LINER-LTC2991_15 Datasheet
259Kb / 32P
Octal I2C Voltage, Current, and Temperature Monitor
logo
Analog Devices
LTC2990 AD-LTC2990 Datasheet
337Kb / 26P
Quad I2C Voltage, Current and Temperature Monitor
11/18-REV.F
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com