Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5426 Datasheet (PDF) - Analog Devices

AD5426 Datasheet PDF - Analog Devices
Part # AD5426
Download  AD5426 Download
File Size   553.58 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface

AD5426 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5426 Datasheet PDF - Analog Devices

Part # AD5426
Download  AD5426 Click to download

File Size   553.58 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface

AD5426 Datasheet (HTML) - Analog Devices


AD5426 Product details

GENERAL DESCRIPTION

The AD5426/AD5432/AD5443 are CMOS 8-, 10-, and 12-bit current output digital-to-analog converters, respectively. These devices operate from a 3.0 V to 5.5 V power supply, making them suited to battery-powered applications and many other applications.



FEATURES

3.0 V to 5.5 V Supply Operation

50 MHz Serial Interface

10 MHz Multiplying Bandwidth

±10 V Reference Input

Low Glitch Energy < 2 nV-s

Extended Temperature Range –40C to +125C

10-Lead MSOP Package

Pin Compatible 8-, 10-, and 12-Bit Current

Output DACs

Guaranteed Monotonic

4-Quadrant Multiplication

Power-On Reset with Brownout Detection

Daisy-chain Mode

Readback Function

0.4 A Typical Power Consumption



APPLICATIONS

Portable Battery-Powered Applications

Waveform Generators

Analog Processing

Instrumentation Applications

Programmable Amplifiers and Attenuators

Digitally Controlled Calibration

Programmable Filters and Oscillators

Composite Video

Ultrasound

Gain, Offset, and Voltage Trimming




Similar Part No. - AD5426

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5426 AD-AD5426 Datasheet
860Kb / 32P
Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
7/04-Revision 0
AD5426 AD-AD5426 Datasheet
584Kb / 20P
8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5426 AD-AD5426 Datasheet
753Kb / 25P
Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5426 AD-AD5426 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5426 AD-AD5426 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
More results


Similar Description - AD5426

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5449YRUZ AD-AD5449YRUZ Datasheet
619Kb / 32P
Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
REV. C
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5429 AD-AD5429_13 Datasheet
717Kb / 28P
Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5449 AD-AD5449_15 Datasheet
939Kb / 29P
Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com