Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9512 Datasheet (PDF) - NXP Semiconductors

PCA9512 Datasheet PDF - NXP Semiconductors
Part # PCA9512
Download  PCA9512 Download
File Size   176.15 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Level shifting hot swappable I2C and SMBus buffer

PCA9512 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9512 Datasheet PDF - NXP Semiconductors

Part # PCA9512
Download  PCA9512 Click to download

File Size   176.15 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Level shifting hot swappable I2C and SMBus buffer

PCA9512 Datasheet (HTML) - NXP Semiconductors


PCA9512 Product details

DESCRIPTION

The PCA9512 is a hot swappable I2C and SMBus buffer that allows I/O card insertion into a live backplane without corruption of the data and clock buses and includes two dedicated supply voltage pins to provide level shifting between 3.3 V and 5 V systems while maintaining the best noise margin for each voltage level. Either pin may be powered with supply voltages ranging from 2.7 V to 5.5 V with no constraints on which supply voltage is higher. Control circuitry prevents the backplane from being connected to the card until a stop bit or bus idle occurs on the backplane without bus contention on the card. When the connection is made, the PCA9512 provides bi-directional buffering, keeping the backplane and card capacitances isolated.



FEATURES

• Bi-directional buffer for SDA and SCL lines increases fanout and prevents SDA and SCL corruption during live board insertion and removal from multi-point backplane systems

• Compatible with I2C standard mode, I2C fast mode, and SMBus standards

• ∆V/∆t rise time accelerators on all SDA and SCL lines with ability to disable ∆V/∆t rise time accelerators through the ACC pin for lightly loaded systems

• 5 V to 3.3 V level translation with optimum noise margin

• High-impedance SDA, SCL pins for VCC or VCC2 = 0 V

• 1 V precharge on all SDA and SCL lines

• Supports clock stretching and multiple master arbitration/synchronization

• Operating power supply voltage range: 2.7 V to 5.5 V

• 5.5 V tolerant I/Os

• 0 kHz to 400 kHz clock frequency

• ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101

• Latch-up testing is done to JESDEC Standard JESD78 which exceeds 100 mA

• Packages offered: SO8, TSSOP8 (MSOP8)



APPLICATION

• cPCI, VME, AdvancedTCA cards and other multi-point backplane cards that are required to be inserted or removed from an operating system.



 




Similar Part No. - PCA9512

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCA9512A ETC1-PCA9512A Datasheet
135Kb / 22P
Level shifting hot swappable I2C-bus and SMBus bus buffer
logo
NXP Semiconductors
PCA9512A NXP-PCA9512A Datasheet
153Kb / 23P
Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9512A NXP-PCA9512A Datasheet
235Kb / 24P
Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 5-5 January 2011
logo
List of Unclassifed Man...
PCA9512AD ETC1-PCA9512AD Datasheet
135Kb / 22P
Level shifting hot swappable I2C-bus and SMBus bus buffer
logo
NXP Semiconductors
PCA9512AD NXP-PCA9512AD Datasheet
153Kb / 23P
Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
More results


Similar Description - PCA9512

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9510 PHILIPS-PCA9510 Datasheet
151Kb / 19P
Hot swappable I2C and SMBus bus buffer
2004 Oct 05
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
logo
List of Unclassifed Man...
PCA9512A ETC1-PCA9512A Datasheet
135Kb / 22P
Level shifting hot swappable I2C-bus and SMBus bus buffer
logo
NXP Semiconductors
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9512A NXP-PCA9512A Datasheet
153Kb / 23P
Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9512A NXP-PCA9512A_11 Datasheet
235Kb / 24P
Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 5-5 January 2011
PCA9511DP-T NXP-PCA9511DP-T Datasheet
146Kb / 18P
Hot swappable I2C-bus and SMBus bus buffer
2006 Aug 23
PCA9512ADP PHILIPS-PCA9512ADP Datasheet
320Kb / 27P
Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 6-1 March 2013
logo
Texas Instruments
TCA9511A TI1-TCA9511A Datasheet
472Kb / 25P
TCA9511A Hot Swappable I2C Bus and SMBus Buffer
logo
Diodes Incorporated
PI6ULS5V9511A DIODES-PI6ULS5V9511A Datasheet
1Mb / 17P
Hot Swappable I2C Bus/SMBus Buffer
December 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com