Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B3253 Datasheet (PDF) - Pericom Semiconductor Corporation

PI3B3253 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3B3253
Download  PI3B3253 Download
File Size   354.75 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Mux/DeMux NanoSwitch?

PI3B3253 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3B3253 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3B3253
Download  PI3B3253 Click to download

File Size   354.75 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Mux/DeMux NanoSwitch?

PI3B3253 Datasheet (HTML) - Pericom Semiconductor Corporation


PI3B3253 Product details

Description

Pericom Semiconductor’s PI3B3253 is a 3.3V, Dual4:1 Multiplexer/ Demultiplexer with Hi-Z outputs that is pinout compatible

with the PI74FCT253T, 74F253, and 74ALS/AS/LS 253. Inputs can be connected to outputs with low On-Resistance (5Ω) with no

additional ground bounce noise or propagation delay.



Features

•  Near-Zero propagation delay

• 5Ω switches connect inputs to outputs

•  Fast Switching Speed: 5.2ns max.

•  Ultra Low Quiescent Power (0.2µA typical) 

– Ideally suited for notebook applications

•  Pin compatible with 74 series 253 logic devices

•  Packaging (Pb-free & Green available): 

– 16-pin 150-mil wide plastic QSOP (Q) 

– 16-pin 173-mil wide plastic TSSOP (L) 




Similar Part No. - PI3B3253

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3B3253 DIODES-PI3B3253 Datasheet
649Kb / 7P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
September 2017
logo
Pericom Semiconductor C...
PI3B3253LE PERICOM-PI3B3253LE Datasheet
431Kb / 5P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
logo
Diodes Incorporated
PI3B3253LEX DIODES-PI3B3253LEX Datasheet
649Kb / 7P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
September 2017
logo
Pericom Semiconductor C...
PI3B3253QE PERICOM-PI3B3253QE Datasheet
431Kb / 5P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
More results


Similar Description - PI3B3253

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16224 PERICOM-PI3B16224 Datasheet
100Kb / 3P
DeMux/Mux NanoSwitch
PI3B16224 PERICOM-PI3B16224 Datasheet
67Kb / 3P
3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
PI3B3257A PERICOM-PI3B3257A Datasheet
313Kb / 4P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3B3257QEX PERICOM-PI3B3257QEX Datasheet
706Kb / 7P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
PI3B33X257 PERICOM-PI3B33X257_04 Datasheet
379Kb / 4P
3.3V, 24:12 Mux/DeMux NanoSwitch
PI3B3251 PERICOM-PI3B3251_09 Datasheet
342Kb / 5P
3.3V, 8:1 Mux/DeMux NanoSwitch
PI3B3257A PERICOM-PI3B3257A_11 Datasheet
469Kb / 4P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
logo
Diodes Incorporated
PI3B3253ZHDEX DIODES-PI3B3253ZHDEX Datasheet
649Kb / 7P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
September 2017
PI3B3257 DIODES-PI3B3257_V01 Datasheet
1Mb / 8P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
April 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com