Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B16234 Datasheet (PDF) - Pericom Semiconductor Corporation

PI3B16234 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3B16234
Download  PI3B16234 Download
File Size   153.51 Kbytes
Page   3 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, Low Capacitance 16-Bit to 32-Bit

PI3B16234 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3B16234 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3B16234
Download  PI3B16234 Click to download

File Size   153.51 Kbytes
Page   3 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, Low Capacitance 16-Bit to 32-Bit

PI3B16234 Datasheet (HTML) - Pericom Semiconductor Corporation


PI3B16234 Product details

Description
Pericom Semiconductor’s PI3B16234 is a 16-bit to 32-bit mux/demux switch. Industry leading advantages include almost zero propagation delay of 500ps because of 8-ohm channel resistance and low I/O capacitance. A1 port demultiplexes to either port B1 or B2. The switch is bidirectional.

Features
• RON is 8-ohm typical
• Pulldown on B Ports
• Low Power – 1mW
• Industrial Operation Temperature: –40ºC to 85ºC
• Near-Zero Propagation Delay
• Switching Speed: 4.5ns max.
• Channel on capacitance: 11pF typ.
• VCCOperating Range:3.3V±10%
• >100 MHz Bandwidth
• Packaging (Pb-free & Green available) :
    -56-pin 240-mil wide plastic TSSOP(A)

Application
    Memory Switching




Similar Part No. - PI3B16234

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16232 PERICOM-PI3B16232 Datasheet
163Kb / 3P
3.3V, Synchronous 16-Bit to 32-Bit FET Mux/Demux BusSwitch
PI3B16232A PERICOM-PI3B16232A Datasheet
163Kb / 3P
3.3V, Synchronous 16-Bit to 32-Bit FET Mux/Demux BusSwitch
PI3B16232V PERICOM-PI3B16232V Datasheet
163Kb / 3P
3.3V, Synchronous 16-Bit to 32-Bit FET Mux/Demux BusSwitch
PI3B16233 PERICOM-PI3B16233 Datasheet
254Kb / 5P
3.3V, 16-Bit to 32-Bit FET
PI3B16233 PERICOM-PI3B16233 Datasheet
345Kb / 5P
3.3V, 16-Bit to 32-Bit FET Mux/DeMux NanoSwitch?
More results


Similar Description - PI3B16234

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST16233 FAIRCHILD-FST16233 Datasheet
100Kb / 6P
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FSTU32160A FAIRCHILD-FSTU32160A Datasheet
96Kb / 6P
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
logo
Pericom Semiconductor C...
PI3B16233 PERICOM-PI3B16233 Datasheet
254Kb / 5P
3.3V, 16-Bit to 32-Bit FET
PI3B32160 PERICOM-PI3B32160 Datasheet
185Kb / 4P
3.3V, Low Capacitance 16-Bit to 32-Bit, DeMux NanoSwitch??with Precharged Outputs
PI3B32160 PERICOM-PI3B32160 Datasheet
296Kb / 4P
3.3V, Low Capacitance 16-Bit to 32-Bit Demux PCI Hot Plug Bus Switch with Precharged Outputs for Live Insertion
PI3B16226 PERICOM-PI3B16226 Datasheet
186Kb / 3P
3.3V, Low Capacitance 12-Bit to 24-Bit Mux/DeMux NanoSwitch
PI3C16234 PERICOM-PI3C16234 Datasheet
333Kb / 4P
3.3V, High Bandwidth, 16-Bit to 32-Bit Mux/Demux BusSwitch
PI3B16232 PERICOM-PI3B16232 Datasheet
163Kb / 3P
3.3V, Synchronous 16-Bit to 32-Bit FET Mux/Demux BusSwitch
PI3B16233AEX PERICOM-PI3B16233AEX Datasheet
345Kb / 5P
3.3V, 16-Bit to 32-Bit FET Mux/DeMux NanoSwitch?
logo
ON Semiconductor
FST16233 ONSEMI-FST16233 Datasheet
203Kb / 8P
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
Revised November 2000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com