Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3C3305UE Datasheet (PDF) - Pericom Semiconductor Corporation

PI3C3305UE Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3C3305UE
Download  PI3C3305UE Download
File Size   479.43 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 2.5V/3.3V, High Bandwidth, Hot Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables

PI3C3305UE Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3C3305UE Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3C3305UE
Download  PI3C3305UE Click to download

File Size   479.43 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 2.5V/3.3V, High Bandwidth, Hot Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables

PI3C3305UE Datasheet (HTML) - Pericom Semiconductor Corporation


PI3C3305UE Product details

Description
Pericom Semiconductor’s PI3C3305 and PI3C3306 are 2.5 volt or 3.3 volt, 2-bit bus switches designed with fast individual enables. When enabled via the associated Bus Enable (BE) pin, the “A” pin is directly connected to the “B” pin for that particular gate. The bus switch introduces no additional propagation delay or additional ground bounce noise.

Features
• Near-Zero propagation delay
• 5Ω switches connect inputs to outputs
• High Bandwidth (>400 MHz)
• Rail-to-Rail, 3.3V or 2.5V Switching
• 5V I/O Tolerant
• 2.5V Supply Voltage Operation
• Permits Hot Insertion
• Packaging (Pb-free & Green):
    – 8-pin 173-mil wide plastic TSSOP
    – 8-pin 118-mil wide plastic MSOP

Applications
• High Bandwidth Data Switching
• Hot Docking




Similar Part No. - PI3C3305UE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3305UEX PERICOM-PI3C3305UEX Datasheet
789Kb / 7P
2.5V/3.3V, High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
More results


Similar Description - PI3C3305UE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3125 PERICOM-PI3C3125 Datasheet
193Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
logo
Potato Semiconductor Co...
PO3B3305A POTATO-PO3B3305A Datasheet
574Kb / 6P
Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
logo
Pericom Semiconductor C...
PI3C3306UEX PERICOM-PI3C3306UEX Datasheet
789Kb / 7P
2.5V/3.3V, High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PI3C3126LEX PERICOM-PI3C3126LEX Datasheet
632Kb / 7P
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3245QE PERICOM-PI3C3245QE Datasheet
344Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
logo
Potato Semiconductor Co...
PO3B3305A POTATO-PO3B3305A_14 Datasheet
1Mb / 5P
High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch with Individual Enables
PO3B3306A POTATO-PO3B3306A_14 Datasheet
1Mb / 5P
High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch with Individual Enables
logo
Pericom Semiconductor C...
PI3C3125QEX PERICOM-PI3C3125QEX Datasheet
764Kb / 7P
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3125 PERICOM-PI3C3125_07 Datasheet
381Kb / 7P
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3126 PERICOM-PI3C3126_10 Datasheet
685Kb / 7P
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com