Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5A100 Datasheet (PDF) - Pericom Semiconductor Corporation

PI5A100 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5A100
Download  PI5A100 Download
File Size   512.69 Kbytes
Page   12 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision, Wide-Bandwidth Quad SPDT Analog Switch

PI5A100 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5A100 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5A100
Download  PI5A100 Click to download

File Size   512.69 Kbytes
Page   12 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision, Wide-Bandwidth Quad SPDT Analog Switch

PI5A100 Datasheet (HTML) - Pericom Semiconductor Corporation


PI5A100 Product details

Description
The PI5A100 is an improved Quad Single-pole double-throw (4SPDT) CMOS analog switch designed to operate with a single +2V to +6V power supply. The EN pin may be used to place all switches in a high-impedance state. This high precision device is ideal for low-distortion audio, video, and data switching and routing.

Features
• Single Supply Operation (+2V to +6V)
• Rail-to-Rail Analog Signal Dynamic Range
• Low On-Resistance (6Ω typ with 5V supply) Minimizes Distortion and Error Voltages
• On-Resistance Matching Between Channels, 0.4Ω Typ.
• On-Resistance Flatness, <2Ω Typ.
• Low Charge Injection Reduces Glitch Errors, Q = 6pC Typ.
• Replaces Mechanical Relays
• High Speed. tON, 8ns Typ.
• Low Crosstalk: -100dB @ 10 MHz
• Low Off-Isolation: -57dB @ 10 MHz
• Wide -3dB Bandwidth: 230 MHz
• High-Current Channel Capability: >100mA
• TTL/CMOS Logic Compatible
• Low Power Consumption (0.5µW typ.)
• Packaging (Pb-free & Green Available):
    -16-pin QSOP (Q)
    -16-pin SOIC (W)

Applications
• Audio, Video Switching and Routing
• LAN Switches
• Telecommunication Systems
• Battery-Powered Systems




Similar Part No. - PI5A100

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A100Q PERICOM-PI5A100Q Datasheet
518Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QE PERICOM-PI5A100QE Datasheet
518Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100W PERICOM-PI5A100W Datasheet
518Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
More results


Similar Description - PI5A100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG333A VISHAY-DG333A Datasheet
90Kb / 9P
Precision Quad SPDT Analog Switch
06-Sep-99
logo
Pericom Semiconductor C...
PI5A101 PERICOM-PI5A101 Datasheet
446Kb / 10P
Precision Wide-Bandwidth Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A Datasheet
491Kb / 13P
Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Vishay Siliconix
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
Precision Quad SPDT Analog Switch
31-Jan-11
logo
Pericom Semiconductor C...
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
Precision Quad SPDT Analog Switch
05-Sep-11
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330 Datasheet
221Kb / 8P
Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A_15 Datasheet
342Kb / 15P
Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330_14 Datasheet
359Kb / 8P
Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
Precision Quad SPDT Analog Switch
21-Sep-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com