Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3244 Datasheet (PDF) - Pericom Semiconductor Corporation

PI5C3244 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5C3244
Download  PI5C3244 Download
File Size   148.53 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 8-Bit, 2-Port Switch

PI5C3244 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5C3244 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5C3244
Download  PI5C3244 Click to download

File Size   148.53 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 8-Bit, 2-Port Switch

PI5C3244 Datasheet (HTML) - Pericom Semiconductor Corporation


PI5C3244 Product details

Description:
Pericom Semiconductor’s PI5C3244 features a set of eight bus switches which is pinout and function compatible with the PI74FCT244T, 74F244, and 74ALS/AS/LS 244 8-bit drivers. Two enable signals (BEn) turn the switches on similar to the enable signals of the 244. The bus switch creates no additional propagation delay or ground bounce noise.

Features:
• Near-Zero propagation delay
• 5-ohm switches connect inputs to outputs when enabled
• Direct bus connection when switches are ON
• Ultra Low Quiescent Power (0.2µA Typical)
    – Ideally suited for notebook applications
• Pin compatible with 74 Series 244 logic devices
• Packaging (Pb-free & Green available):
    – 20-pin 173-mil wide plastic TSSOP (L)
    – 20-pin 150-mil wide plastic QSOP (Q)
    – 20-pin 300-mil wide plastic SOIC (S)




Similar Part No. - PI5C3244

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3245 PERICOM-PI5C3245 Datasheet
159Kb / 3P
8-Bit, 2-Port Bus Switch
PI5C3245L PERICOM-PI5C3245L Datasheet
352Kb / 5P
8-Bit, 2-Port Bus Switch
PI5C3245LE PERICOM-PI5C3245LE Datasheet
352Kb / 5P
8-Bit, 2-Port Bus Switch
PI5C3245LE PERICOM-PI5C3245LE Datasheet
696Kb / 5P
8-Bit, 2-Port Bus Switch
PI5C3245Q PERICOM-PI5C3245Q Datasheet
159Kb / 3P
8-Bit, 2-Port Bus Switch
More results


Similar Description - PI5C3244

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VT3245 PERICOM-PI3VT3245 Datasheet
311Kb / 5P
8-Bit, 2-Port, Low Voltage Translator Bus SWITCH
PI5C3245 PERICOM-PI5C3245 Datasheet
159Kb / 3P
8-Bit, 2-Port Bus Switch
PI5C32245 PERICOM-PI5C32245 Datasheet
31Kb / 3P
8-Bit, 2-Port Bus Switch with 25W Series Resistor
logo
Potato Semiconductor Co...
PO3B3126A POTATO-PO3B3126A Datasheet
550Kb / 6P
8-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3245A POTATO-PO3B3245A Datasheet
544Kb / 6P
8-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C3245QE PERICOM-PI5C3245QE Datasheet
352Kb / 5P
8-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B3245A POTATO-PO3B3245A_14 Datasheet
1Mb / 5P
8-Bit, 2-Port Bus Switch
logo
Analog Devices
ADG3245 AD-ADG3245_15 Datasheet
324Kb / 12P
2.5V/3.3V 8 Bit 2 Port Level Translating Bus Switch
REV. B
logo
Pericom Semiconductor C...
PI3VT3245-A PERICOM-PI3VT3245-A Datasheet
669Kb / 5P
8-Bit, 2-Port, Low Voltage Translator Bus Switch
PI5C3245 PERICOM-PI5C3245_10 Datasheet
696Kb / 5P
8-Bit, 2-Port Bus Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com