Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7410 Datasheet (PDF) - Cirrus Logic

CS7410 Datasheet PDF - Cirrus Logic
Part # CS7410
Download  CS7410 Download
File Size   366.92 Kbytes
Page   39 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description CD/MP3/WMA Audio Controller

CS7410 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS7410 Datasheet PDF - Cirrus Logic

Part # CS7410
Download  CS7410 Click to download

File Size   366.92 Kbytes
Page   39 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description CD/MP3/WMA Audio Controller

CS7410 Datasheet (HTML) - Cirrus Logic


CS7410 Product details

Description
The CS7410 is a true system-on-a-chip for the CD based digital audio market. With a powerful RISC processor, one DSP, integrated audio DS modulator, large internal SRAM and program ROM, and glueless interface to popular CD chip sets, the CS7410 is a complete single chip low-power programmable audio decoder. This powerful architecture is easily capable of MP3, WMA, and other future audio formats. The CS7410’s flexible architecture and low power consumption make it an ideal low-cost solution for a wide range of player ap plications. For portable audio systems, the memory interface can be used to add DRAM or SRAM for Electronic Shock Protection (ESP). A flexible set of interfaces are available for end-user I/O such as a keypad and LCD control for use in mass market CD players, boom boxes, and shelf-top systems.

Features
● Super on-chip Integration for low cost and low count bill of materials
● 32-Bit RISC Processor performs audio decode and system management functions
● 16-bit DSP for audio special effects
● 80 Kbytes internal SRAM, and 256 Kbytes internal ROM
● Interfaces to external SDRAM or EDO DRAM (for shock protection), and to external ROM/FLASH (for custom program storage)
● CD serial interface with advanced pattern matching and software error handling
● Integrated DAC functionality
● Simultaneous 4 channels PCM audio output and IEC-958 output.
● Large number of GPIO pins for servo control, key scan, LCD control, etc.
● Three serial control/status ports
● Sophisticated clock management and low power consumption
● Supports ISO9660 and multi-session write methods
● Low power 0.18 micron technology
● 100-pin MQFP package
● 100-pin LQFP package




Similar Part No. - CS7410

ManufacturerPart #DatasheetDescription
logo
HUAJING MICROELECTRONIC...
CS740 HUAJING-MICRO-CS740 Datasheet
350Kb / 10P
Silicon N-Channel Power MOSFET
2015V01
logo
List of Unclassifed Man...
CS740026 ETC-CS740026 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS740060 ETC-CS740060 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS740075 ETC-CS740075 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS740090 ETC-CS740090 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results


Similar Description - CS7410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VS1003 ETC-VS1003 Datasheet
456Kb / 57P
MP3 / WMA AUDIO CODEC
VS1033 ETC1-VS1033 Datasheet
556Kb / 70P
MP3/AAC/WMA/MIDI AUDIO CODEC
VS1033C ETC2-VS1033C Datasheet
584Kb / 74P
MP3/AAC/WMA/MIDI AUDIO CODEC
VS1053B ETC2-VS1053B Datasheet
689Kb / 79P
Ogg Vorbis/MP3/AAC/WMA/MIDI AUDIO CODEC
logo
Princeton Technology Co...
PT8406 PTC-PT8406 Datasheet
161Kb / 3P
MP3/WMA Decoder IC
PT8405 PTC-PT8405_10 Datasheet
161Kb / 3P
MP3/WMA Decoder and MP3 Encoder IC
PT8406 PTC-PT8406_10 Datasheet
161Kb / 3P
MP3/WMA Decoder IC
logo
Rohm
BU94605AKV ROHM-BU94605AKV Datasheet
1Mb / 84P
AAC/WMA/MP3 SD Memory Card CD-ROMMP3 Record
logo
VLSI Solution Oy
VS1003 VLSI-VS1003 Datasheet
722Kb / 61P
VS1003 - MP3/WMA AUDIO CODEC
Version: 1.09, 2018-03-16
logo
NXP Semiconductors
SAF784X NXP-SAF784X Datasheet
412Kb / 93P
One chip CD audio device with integrated MP3/WMA decoder
Rev. 02 - 9 May 2008
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com