Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY62138V Datasheet (PDF) - Cypress Semiconductor

CY62138V Datasheet PDF - Cypress Semiconductor
Part # CY62138V
Download  CY62138V Download
File Size   175.32 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256K x 8 Static RAM

CY62138V Datasheet (PDF)

Go To PDF Page Download Datasheet
CY62138V Datasheet PDF - Cypress Semiconductor

Part # CY62138V
Download  CY62138V Click to download

File Size   175.32 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256K x 8 Static RAM

CY62138V Datasheet (HTML) - Cypress Semiconductor


CY62138V Product details

Functional Description
The CY62138V is a high-performance CMOS static RAM organized as 262,144 words by 8 bits. This device features advanced circuit design to provide ultra-low active current. This is ideal for providing More Battery Life™ (MoBL™) in portable applications such as cellular telephones. The device also has an automatic power-down feature that reduces power consumption by 99% when addresses are not toggling. The device can be put into standby mode when deselected (CS1 HIGH or CS2 LOW).

Features
• Low voltage range:
   — 2.7–3.6V
• Ultra-low active power
• Low standby power
• Easy memory expansion with CS1/CS2 and OE features
• TTL-compatible inputs and outputs
• Automatic power-down when deselected
• CMOS for optimum speed/power




Similar Part No. - CY62138V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138V CYPRESS-CY62138V Datasheet
321Kb / 9P
2-Mbit (256K x 8) Static RAM
CY62138VLL-70BAI CYPRESS-CY62138VLL-70BAI Datasheet
321Kb / 9P
2-Mbit (256K x 8) Static RAM
CY62138VN CYPRESS-CY62138VN Datasheet
411Kb / 8P
256K x 8 Static RAM
CY62138VNLL-70BAI CYPRESS-CY62138VNLL-70BAI Datasheet
411Kb / 8P
256K x 8 Static RAM
CY62138V CYPRESS-CY62138V_06 Datasheet
321Kb / 9P
2-Mbit (256K x 8) Static RAM
More results


Similar Description - CY62138V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
256K (32K x 8) Static RAM
logo
List of Unclassifed Man...
WCMA2008U1B ETC-WCMA2008U1B Datasheet
144Kb / 11P
256K x 8 Static RAM
WCMA2008U1X ETC-WCMA2008U1X Datasheet
284Kb / 11P
256K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
256K (32K x 8) Static RAM
CY62138VN CYPRESS-CY62138VN Datasheet
411Kb / 8P
256K x 8 Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
256K (32K x 8) Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com